Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2ADS-121-R

  • AI
    The **M2ADS-121-R** is a specific electronic component, typically identified as a **tactile switch** or a miniature push-button switch often used in consumer electronics and industrial interfaces. --- ### 1. Key Technical Specifications The following table outlines the general electrical and mechanical characteristics of the M2ADS series: | Parameter | Description | | :--- | :--- | | **Switch Type** | Tactile / Push Button | | **Actuation Type** | Momentary (Normally Open) | | **Contact Rating** | Usually 50mA @ 12V DC | | **Operating Force** | Typically 160gf to 250gf (grams-force) | | **Mounting Type** | Surface Mount (SMD/SMT) or Through-Hole (THT) | | **Travel Distance** | ~0.25mm | | **Operating Life** | 100,000+ Cycles | --- ### 2. Breakdown of the Component Parts To understand how the M2ADS-121-R functions, it is helpful to look at its internal construction: 1. **Actuator (Button):** The top part that the user presses. In the "R" variant, this is often a rubberized or specific height stem. 2. **Contact Dome:** A metal snap-dome (usually stainless steel) that provides the "click" tactile feedback and completes the circuit when depressed. 3. **Base/Housing:** Made of high-temperature thermoplastic (like LCP) to withstand soldering heat. 4. **Terminals:** Silver-plated or gold-plated copper alloy leads that connect the switch to the Printed Circuit Board (PCB). --- ### 3. Common Applications Due to its small footprint and reliable tactile response, this part is found in: * **Consumer Electronics:** Remote controls, cameras, and handheld gaming devices. * **Computer Peripherals:** Mouse buttons or reset switches on motherboards. * **Industrial:** Control panels and membrane keypad interfaces. --- ### 4. Circuit Schematic Representation In an electronic schematic, the M2ADS-121-R is represented as a simple SPST (Single Pole Single Throw) momentary switch: ```text [ Terminal 1 ] ----\ ---- [ Terminal 2 ] \ (Switch) ```
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for the M2ADS-121-R PCB layout?
    • ⤷ What is the difference between the 'R' suffix and other variants in this series?
    • ⤷ How does the contact resistance of this switch change over its lifespan?