M2AC-A5D-R/Q
AI

The **M2AC-A5D-R/Q** is a high-precision digital panel meter/indicator manufactured by **Autonics**. It is specifically designed to measure and display AC voltage or current in industrial automation systems.
---
### 1. Key Technical Specifications
The part number suffix typically denotes the power supply, input type, and output configuration.
| Feature | Specification Details |
| :--- | :--- |
| **Model Series** | M2AC Series (Digital Panel Meter) |
| **Input Type** | AC Voltage or AC Current (Selectable/Model dependent) |
| **Power Supply** | 100-240VAC 50/60Hz (Standard for 'A' models) |
| **Display Method** | 4-digit 7-segment LED (Red) |
| **Display Range** | 0 to 9999 |
| **Output Options** | Relay Output (Control/Alarm) |
| **Size** | DIN W96 x H48mm |
---
### 2. Electronic Component Breakdown
#### A. Input Section (Signal Conditioning)
* **Measurement Range:** It usually handles AC voltage up to 500V or AC current up to 5A (standard CT secondary).
* **RMS Conversion:** The internal circuitry performs **True RMS** measurement, ensuring accuracy even when the AC waveform is distorted or contains harmonics.
* **A/D Converter:** A high-resolution Analog-to-Digital converter translates the analog AC signal into digital data for the microprocessor.
#### B. Processing & Control Unit
* **Microcontroller (MCU):** The "brain" of the device. It handles the scaling (converting electrical input to a displayed value like RPM or Pressure), offset corrections, and timing for relay triggers.
* **Non-Volatile Memory (EEPROM):** Stores user parameters and scaling factors so settings are not lost during power failure.
#### C. Output & Interface
* **Relay (R):** The 'R' in the suffix signifies a **Relay contact output**. This allows the meter to act as a controller—for example, tripping a circuit breaker or turning on a fan if the voltage exceeds a set limit (High/Low alarm).
* **Display Drive:** A dedicated driver circuit powers the high-visibility LED segments.
---
### 3. Application Use Cases
1. **Industrial Power Monitoring:** Measuring the current draw of a 3-phase motor to prevent overload.
2. **Generator Sets:** Monitoring output voltage to ensure stability before connecting loads.
3. **Control Panels:** Serving as a visual feedback interface for operators to monitor system health.
---
### 4. Installation Precautions
* **Wiring:** Ensure that the input terminals (AC High/Low) are not swapped with the power supply terminals to prevent internal damage.
* **Current Transformers (CT):** If measuring currents higher than 5A, an external CT must be used and the "Scaling" function programmed into the M2AC.
- ⤷
How do I program the scaling factor on the M2AC for a 100:5 Current Transformer?
- ⤷ What are the specific wiring differences between the Voltage and Current input modes?
- ⤷ Does the M2AC-A5D-R/Q support Modbus communication for data logging?