Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AC-A1Z-R2SLASHCE

  • AI
    The part number **M2AC-A1Z-R2/CE** typically refers to a high-performance **Industrial Signal Conditioner** or **Isolator** manufactured by companies like **M-System**. These devices are used to convert, isolate, and transmit electrical signals in automation and process control environments. Below is a breakdown of the electronic components, specifications, and architecture of this type of module. --- ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Primary Function** | Signal Conditioner / Isolator | | **Input Signal** | AC Voltage or Current (Variable depending on setup) | | **Output Signal** | DC Signal (e.g., 4–20mA, 0–10V) | | **Power Input** | Typically 100–240V AC or 24V DC (Model dependent) | | **Isolation** | 3-Way Isolation (Input to Output to Power) | | **Response Time** | ≤ 0.5 seconds | | **Mounting** | DIN Rail / Surface Mount | | **Certification** | CE Marking (as indicated by the `/CE` suffix) | --- ### 2. Key Electronic Internal Sections The device is composed of several critical electronic stages designed to ensure signal integrity and safety. #### A. Input Conditioning Circuit * **Precision Resistors/Transformers:** For AC inputs, the device uses high-precision shunt resistors or potential transformers to scale down the incoming voltage or current. * **Rectification & Filtering:** Converts the AC input into a proportional DC voltage using bridge rectifiers and smoothing capacitors. #### B. Isolation Barrier * **Opto-Isolators or Magnetic Coupling:** This is the core "Safety" component. It physically separates the input circuit from the output circuit using light or magnetic induction. * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. Signal Processing (Analog/Digital) * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers are used to linearize the signal. * **Potentiometers:** Usually accessible via the front panel ("Zero" and "Span") to calibrate the output range. #### D. Output Driver * **Voltage/Current Source:** A specialized circuit (often using power transistors) that maintains a stable current loop (4–20mA) regardless of the load resistance. --- ### 3. Model Suffix Breakdown | Suffix | Meaning | | :--- | :--- | | **M2AC** | Model series (typically Ultra-slim signal conditioner) | | **A1Z** | Specific Input/Output configuration (e.g., AC Voltage input) | | **R2** | Power supply code (Standardly 100–240V AC) | | **CE** | Compliant with European Safety and Electromagnetic Compatibility standards | --- ### 4. Typical Application Example In an industrial setting, you would use the **M2AC-A1Z-R2/CE** to monitor the voltage of an AC motor. 1. The device takes the raw **AC Voltage** from the motor leads. 2. It **isolates** the signal to protect the control room. 3. It converts that voltage into a **4–20mA DC** signal that a PLC can easily read and process for monitoring power consumption or faults.
    ✨ Follow-up Questions
    • ⤷What are the specific wiring diagrams for the M2AC series?
    • ⤷ How do I calibrate the Zero and Span on this module?
    • ⤷ What is the difference between the R and R2 power options?