M24C08-RBN6TP
AI

## M24C08-RBN6TP: Electronic Specifications and Overview
The **M24C08-RBN6TP** is a specific variant of the M24C08 series, which is a 8-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (**EEPROM**). It is manufactured by STMicroelectronics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Memory Type** | Non-volatile EEPROM |
| **Interface** | I²C Serial (2-wire) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Package Type** | PDIP8 (Plastic Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Write Cycles** | 4 million cycles (typical) |
| **Data Retention** | 200 years |
---
### 2. Detailed Pinout and Functions
The M24C08 usually comes in an 8-pin configuration. Below is the functional mapping for the **RBN6TP** (PDIP) variant:
| Pin Number | Name | Type | Description |
| :--- | :--- | :--- | :--- |
| 1, 2, 3 | E0, E1, E2 | Input | **Chip Enable:** Used to set the device address (Note: M24C08 ignores E0 and E1 as they are used for internal page addressing). |
| 4 | $V_{SS}$ | Ground | Reference ground. |
| 5 | SDA | I/O | **Serial Data:** Bidirectional pin for data transfer. |
| 6 | SCL | Input | **Serial Clock:** Provides the clock signal for synchronization. |
| 7 | WC | Input | **Write Control:** Hardware protection. If tied to $V_{CC}$, writes are disabled. |
| 8 | $V_{CC}$ | Power | Supply voltage. |
---
### 3. Core Features
* **Page Write Mode:** Allows writing up to 16 bytes in a single write cycle, improving efficiency for large data sets.
* **Byte Write:** Allows modification of individual bytes.
* **Hardware Write Protection:** The `WC` pin provides a way to protect the entire memory against accidental write operations.
* **Low Power Consumption:**
* Active Read Current: < 1 mA
* Standby Current: < 1 µA (at 1.8V)
* **Compatibility:** Fully compatible with all I²C bus modes (100kHz and 400kHz).
---
### 4. Part Number Breakdown (M24C08-RBN6TP)
Understanding the suffix helps identify the specific physical characteristics:
* **M24**: I²C family of EEPROMs.
* **C08**: 8 Kbit density.
* **-R**: Operating voltage range of 1.8V to 5.5V.
* **BN**: PDIP8 package (Plastic Dual In-line).
* **6**: Industrial temperature range (-40°C to 85°C).
* **TP**: Tape and Reel packaging (standard for automated assembly).
---
### 5. Application Circuit Example
To integrate this part, you typically need two pull-up resistors on the **SDA** and **SCL** lines (usually $4.7k\Omega$ to $10k\Omega$).
```c
// Example Pseudocode for Initialization
void init_eeprom() {
I2C_Start();
I2C_SendAddress(0xA0); // Default 7-bit address + Write bit
// Further logic to read/write data...
}
```
- ⤷
What are the differences between the M24C08 and the M24C16 variants?
- ⤷ How does the Write Control (WC) pin function in a real-world circuit?
- ⤷ What is the specific I2C device address for the M24C08?