Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M24C01-RDS6T/G

  • AI
    The **M24C01-RDS6T/G** is a low-power, serial I2C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Read-Only Memory). It is manufactured by STMicroelectronics and is widely used for storing small amounts of configuration data or parameters in electronic circuits. --- ## 1. Technical Specifications Below are the key technical parameters for the M24C01-RDS6T/G: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (128 Bytes x 8 bits) | | **Interface** | I2C Serial (2-wire) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Temperature Range** | -40°C to +85°C (Industrial) | | **Write Cycles** | 1 Million (approx.) | | **Data Retention** | 40 Years (min) | --- ## 2. Pin Configuration The device comes in an 8-pin TSSOP package. Understanding the pinout is essential for PCB design: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | **Chip Enable inputs:** Used to set the hardware address for the I2C bus. | | 4 | Vss | **Ground:** 0V reference. | | 5 | SDA | **Serial Data:** Bidirectional pin for transferring data. | | 6 | SCL | **Serial Clock:** Input for the clock signal. | | 7 | WC | **Write Control:** Hardware protection. If tied to Vcc, write operations are inhibited. | | 8 | Vcc | **Supply Voltage:** Positive power supply. | --- ## 3. Key Electronic Characteristics ### I2C Communication Protocol The chip operates as a **Slave** device on the I2C bus. It requires a **Start condition**, a **Device Select code** (addressing), and an **Acknowledge (ACK)** bit to confirm data reception. ### Write Protection (WC Pin) This is a critical hardware safety feature. - **WC at Vss (Ground):** The entire memory can be written to. - **WC at Vcc (High):** The entire memory is write-protected, preventing accidental data corruption. ### Low Power Consumption The "R" in the part number often signifies a specific voltage range or low-power optimization, making it ideal for battery-operated devices (e.g., wearables or remote sensors). --- ## 4. Part Number Breakdown The suffix `/G` typically indicates that the part is **ECOPACK2** compliant (RoHS compliant and Halogen-free). - **M24**: I2C Serial Access EEPROM. - **C01**: 1 Kbit density. - **R**: 1.8V to 5.5V operating voltage. - **DS**: TSSOP8 package (3x4.4 mm body). - **6**: Industrial temperature range (-40 to 85°C). - **T**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ How do the E0
    • ⤷ E1
    • ⤷ and E2 pins affect the I2C address of the device?
    • ⤷ What is the maximum write cycle time for a single byte or page in this EEPROM?
    • ⤷ Can this chip be used with a 3.3V microcontroller without level shifters?