Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LVC-LVC1206LF-R020-J

  • AI
    The part number **LVC-LVC1206LF-R020-J** refers to a specialized high-precision surface-mount resistor, typically manufactured by **TT Electronics/IRC**. ### 1. Part Number Breakdown To understand the component, we can deconstruct the alphanumeric code: | Segment | Meaning | Details | | :--- | :--- | :--- | | **LVC** | Series Name | Low Value Chip Resistor (Current Sensing) | | **1206** | Package Size | 1206 Imperial (approx. 3.2mm x 1.6mm) | | **LF** | Termination | Lead-Free (RoHS Compliant) | | **R020** | Resistance Value | **0.020 Ohms** (20 milliohms) | | **J** | Tolerance | **±5%** | --- ### 2. Key Technical Specifications This component is designed specifically for **current sensing** applications where low resistance and high reliability are required. * **Resistance:** 0.020 $\Omega$ (20 m$\Omega$) * **Power Rating:** Typically **0.25W to 0.5W** (standard for 1206 current sense chips). * **Temperature Coefficient (TCR):** Usually varies between ±100ppm/°C to ±500ppm/°C depending on the specific sub-series. * **Technology:** Thick film on ceramic substrate. * **Operating Temperature:** Typically rated from **-55°C to +150°C**. --- ### 3. Applications Because this resistor has a very low resistance value, it is not used for standard pull-up or pull-down logic. Instead, it is used to measure current flow. * **Current Sensing:** Placed in series with a load; the voltage drop across it ($V = I \times R$) is measured by an IC to determine current. * **Power Management:** Used in DC-DC converters and battery management systems (BMS). * **Motor Control:** Monitoring current to prevent overcurrent conditions or to control torque. * **Laptop/Mobile Devices:** Managing power distribution and charging circuits. --- ### 4. Advantages * **Low Inductance:** The flat chip design minimizes parasitic inductance, making it suitable for high-frequency switching power supplies. * **Compact Footprint:** The 1206 size offers a good balance between power dissipation and PCB space savings. * **Environmental Compliance:** The "LF" suffix ensures it meets modern environmental standards for hazardous substances.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does a 5% tolerance impact the accuracy of a current sensing circuit?
    • ⤷ Are there alternative package sizes if 1206 is too large for my PCB?