LVC-LVC1206LF-R020-F
AI

The **LVC-LVC1206LF-R020-F** is a specialized high-precision surface-mount resistor manufactured by TT Electronics (IRC). It belongs to the LVC series, which is specifically designed for **current sensing** applications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code explains the core physical and electrical properties of the component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LVC** | Series Name | Low Value Chip Resistor |
| **1206** | Case Size | 1206 Imperial (3216 Metric) |
| **LF** | Termination | Lead-Free (RoHS Compliant) |
| **R020** | Resistance Value | 0.020 Ohms ($20 m\Omega$) |
| **F** | Tolerance | $\pm 1\%$ |
---
### 2. Key Technical Specifications
The LVC series is known for its ability to handle high power relative to its size while maintaining low resistance.
* **Power Rating:** Typically **0.25W to 0.5W** (depending on the specific thermal management of the PCB).
* **Resistance Value:** $20 m\Omega$ ($0.02 \Omega$).
* **Temperature Coefficient (TCR):** Usually $\pm 100 \text{ ppm/}^\circ\text{C}$ or better, ensuring stability across temperature fluctuations.
* **Operating Temperature Range:** $-55^\circ\text{C}$ to $+155^\circ\text{C}$.
* **Construction:** Thick film on a high-purity alumina substrate with a protective overglaze.
---
### 3. Functional Use Cases
Because the resistance is extremely low ($20 m\Omega$), this part is not used for typical voltage dropping or pull-up tasks. Instead, it is used for **Current Shunt Sensing**:
1. **Power Management:** Used in DC-DC converters to monitor output current.
2. **Battery Monitoring:** Measuring charge/discharge cycles in portable electronics.
3. **Motor Control:** Detecting overcurrent conditions to prevent motor burnout.
4. **Overcurrent Protection:** Acting as a sensor for a protection circuit to trigger a shutdown if current exceeds safe limits.
---
### 4. Why "1206" Matters
The **1206** form factor (3.2mm x 1.6mm) is larger than standard 0603 or 0805 resistors. This is intentional to:
* Provide a larger surface area for **heat dissipation**.
* Accommodate wider terminal pads to reduce parasitic resistance at the solder joints, which is critical when measuring milliohms.
---
### 5. Summary Table
| Attribute | Detail |
| :--- | :--- |
| **Type** | Current Sense / Shunt Resistor |
| **Technology** | Thick Film |
| **Mounting** | Surface Mount (SMD) |
| **Key Advantage** | Low Ohmic values with high precision |
- ⤷What is the difference between thick film and thin film in current sensing?
- ⤷ How does Kelvin (4-terminal) sensing differ from this 2-terminal 1206 part?
- ⤷ What are the thermal considerations when layout out a PCB for a 20mOhm resistor?