LSMT2-3A160-R
AI

The **LSMT2-3A160-R** is a specific model of a **Tactile Switch** (push-button). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to a user when a circuit is closed.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Tactile Switch | Momentary SPST (Single Pole Single Throw) |
| **Mounting Type** | SMT / SMD | Surface Mount Technology |
| **Actuation Force** | 160 gf | Gram-force required to press the button |
| **Dimensions** | ~3.0 x 2.0 mm | Ultra-miniature footprint |
| **Height** | ~0.6 mm | Low-profile design |
| **Electrical Rating** | 50mA, 12VDC | Maximum load capacity |
| **Life Cycle** | 100,000+ cycles | Mechanical durability rating |
---
## 2. Key Features
* **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming the switch has been activated.
* **Low Profile:** The "3A" series is designed for space-constrained applications like smartphones, wearables, and remote controls.
* **Side-Actuated vs. Top-Actuated:** Depending on the specific sub-series, these are often designed for side-edge mounting to allow for thinner device profiles.
* **J-Bend or Gull-Wing Leads:** Optimized for automated PCB assembly (Pick-and-Place).
---
## 3. Terminal Layout and Schematic
The device operates as a simple normally-open (NO) switch.
```text
[ Schematic ]
(1) ----/ ---- (2)
Switch
```
* **Pin 1 & 2:** Usually connected to the signal line and ground.
* **Housing:** Often grounded to provide ESD (Electrostatic Discharge) protection.
---
## 4. Common Applications
1. **Mobile Devices:** Volume rockers or power buttons on smartphones.
2. **Wearables:** Control buttons on smartwatches or fitness trackers.
3. **Consumer Electronics:** Reset buttons on routers or mode switches on cameras.
4. **Automotive:** Key fobs and steering wheel controls.
---
- ⤷
What is the difference between 160gf and 250gf actuation force in tactile switches?
- ⤷ Can you provide the soldering footprint dimensions for the LSMT2 series?
- ⤷ How does environmental sealing (IP rating) work for this specific switch model?