Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LSMT2-20150-R

  • AI
    The **LSMT2-20150-R** is an electronic surface-mount (SMT) component, specifically a **micro-miniature tactile switch**. These components are widely used in consumer electronics for user interface buttons (like power or volume keys) due to their small footprint and tactile feedback. --- ### 1. Technical Specifications Below are the typical electronic and mechanical characteristics for this series: | Property | Specification | | :--- | :--- | | **Component Type** | SMT Tactile Switch | | **Dimensions** | 2.0mm x 1.5mm | | **Actuation Force** | 160gf to 240gf (standard) | | **Contact Rating** | 50mA @ 12V DC | | **Insulation Resistance** | 100 MΩ min | | **Dielectric Strength** | 250V AC for 1 minute | | **Travel (Stroke)** | ~0.1mm to 0.15mm | | **Operating Life** | 100,000 to 200,000 cycles | --- ### 2. Key Features * **Ultra-Compact Design:** The "20150" in the part number signifies its dimensions (2.0mm length x 1.5mm width). The "0" often denotes the height profile (usually around 0.5mm to 0.6mm). * **Tactile Feedback:** Despite its size, it provides a distinct "click" sensation, confirming to the user that the circuit has been closed. * **SMT Mounting:** Designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs). * **RoHS Compliant:** The "-R" suffix usually indicates compliance with environmental standards regarding lead-free materials. --- ### 3. Electronic Schematic and Pinout The switch typically functions as a **Single Pole Single Throw (SPST) - Normally Open (NO)** device. ```text PCB Footprint (Simplified): [ Pin 1 ] -----| |----- [ Pin 2 ] ^ (Contact Dome) ``` * **Logic:** When the plunger is pressed, the internal metal dome collapses, creating a bridge between the two terminals. * **Application:** Generally used to pull a microcontroller (MCU) input pin to Ground (GND) or VCC to trigger an interrupt or state change. --- ### 4. Typical Applications 1. **Wearables:** Smartwatches, fitness trackers, and hearables (earbuds). 2. **Mobile Devices:** Smartphones (side buttons) and tablets. 3. **Portable Medical:** Handheld diagnostic tools. 4. **Internet of Things (IoT):** Reset buttons or pairing buttons on miniature sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reflow soldering temperature for this component?
    • ⤷ Are there different actuation force options available for the LSMT2-20150-R?
    • ⤷ How does the IP rating (waterproofing) compare for this specific switch?