Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LSMH-2012-R12J-T

  • AI
    The **LSMH-2012-R12J-T** is a surface-mount (SMD) power inductor commonly used in compact electronic devices for signal conditioning and power management. ### 1. Part Number Breakdown Based on standard industry naming conventions for high-frequency multilayer chip inductors: | Component Segment | Meaning | Detail | | :--- | :--- | :--- | | **LSMH** | Series Prefix | High-current/High-frequency Multilayer Inductor | | **2012** | Package Size | 2.0mm x 1.25mm (EIA 0805 metric) | | **R12** | Inductance Value | R12 = 0.12 microhenries ($\mu$H) or 120nH | | **J** | Tolerance | $\pm$5% (standard precision) | | **T** | Packaging | Tape & Reel (Standard for pick-and-place) | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Taiyo Yuden or similar), the typical specifications for an 0805 R12J inductor are: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 120 nH (0.12 $\mu$H) | | **Tolerance** | $\pm$ 5% | | **DC Resistance (DCR)** | Low (Typically < 0.2 $\Omega$) | | **Rated Current** | High (Often 300mA to 800mA range) | | **Operating Temp** | -40°C to +125°C | | **Material** | Ferrite core with multilayer electrode structure | --- ### 3. Electronic Function & Applications This component is designed to handle high frequencies and moderate current levels in tight spaces. #### Primary Functions: * **EMI Filtering:** Suppressing high-frequency noise in signal lines. * **Energy Storage:** Used in small-scale DC-DC converters (though 120nH is more common for high-frequency filtering). * **Impedance Matching:** Often found in RF circuits to match signal paths. #### Common Applications: 1. **Mobile Devices:** Smartphones and tablets for power rail filtering. 2. **Wireless Modules:** Bluetooth or Wi-Fi modules where space is limited. 3. **Wearables:** Smartwatches and fitness trackers requiring small footprints (0805 size). --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as an inductor. In a typical Pi-Filter (EMI suppression) application, it would look like this: ```text (Input) ----[ L1: 120nH ]---- (Output) | | [ C1 ] [ C2 ] | | (GND) (GND) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the LSMH-2012 series?
    • ⤷ How does the 'J' tolerance affect circuit stability in RF applications?
    • ⤷ What is the maximum saturation current for this specific 120nH inductor?