Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LPS-RK-500SPI

  • AI
    The **LPS-RK-500SPI** is a high-performance, current-limiting power fuse belonging to the **Low-Peak™** series manufactured by Bussmann (Eaton). It is specifically designed for heavy-duty industrial applications. --- ## 1. Technical Specifications The electronic and physical characteristics of the LPS-RK-500SPI are summarized in the table below: | Feature | Specification | | :--- | :--- | | **Fuse Class** | Class RK1 | | **Current Rating** | 500 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 300,000 Amps RMS Symmetrical | | **Interrupting Rating (DC)** | 100,000 Amps | | **Response Time** | Time-Delay (Dual-Element) | | **Indication** | Permanent Visual Indication (easyID™) | --- ## 2. Key Electronic Components & Features ### A. Dual-Element Design Unlike standard fast-acting fuses, the LPS-RK-500SPI features a **dual-element** construction. * **Thermal Element:** Handles low-level overloads. It provides a time-delay (typically 10 seconds at 500% of the rated current) to prevent "nuisance tripping" caused by motor startup currents. * **Magnetic Element:** Handles high-level short circuits. It reacts almost instantaneously to clear dangerous faults. ### B. Current Limitation As a **Class RK1** fuse, it is highly current-limiting. In the event of a short circuit, the fuse clears the fault so quickly that it prevents the current from reaching its full peak value. This protects downstream components (like breakers and contactors) from extreme magnetic and thermal stress. ### C. easyID™ Visual Indication The "SPI" suffix in the part number indicates the inclusion of the **easyID™** system. This is a built-in visual indicator (usually a window or a color-changing label) that allows maintenance personnel to quickly identify which fuse has blown without needing to test each one with a multimeter. --- ## 3. Applications Due to its 500A rating and RK1 classification, this fuse is typically used in: * **Large Motor Circuits:** Providing superior protection against motor burnout. * **Main Feeder Switches:** Serving as the primary protection for industrial power distribution panels. * **Branch Circuit Protection:** Protecting sensitive electronic equipment from high fault currents. * **Transformer Protection:** Handling the initial inrush current of large transformers. --- ## 4. Comparison: RK1 vs. RK5 It is important to note that the LPS-RK (RK1) is a direct upgrade for FRN-R or FRS-R (RK5) fuses. | Feature | LPS-RK (RK1) | FRS-R (RK5) | | :--- | :--- | :--- | | **Protection Level** | Superior (Lower let-through) | Standard | | **Short Circuit Rating** | 300kA | 200kA | | **Arc Flash Hazard** | Significantly Reduces | Moderate Reduction |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LPS-RK and the LPN-RK series?
    • ⤷ Can this fuse be used in a 480V 3-phase system?
    • ⤷ How does the 'Time-Delay' feature affect motor startup calculations?