LPF-13P.M3W-R/Q
AI

The **LPF-13P.M3W-R/Q** is a high-performance **Low Pass Filter (LPF)** designed for telecommunications and RF signal processing applications. It is specifically engineered to allow signals below a certain cutoff frequency to pass while significantly attenuating frequencies above that point.
---
### 1. Key Technical Specifications
The "13P" designation typically refers to its frequency range or design series, often utilized in satellite communications (SatCom) or microwave links.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Filter Type** | Low Pass Filter (LPF) |
| **Passband** | DC to ~13 GHz (Model dependent) |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA or Microwave Interface |
| **Mounting** | Surface Mount or Connectorized (depending on suffix) |
| **Power Handling** | Low to Medium Power (Signal level) |
---
### 2. Component Composition
This part is an integrated RF module rather than a single discrete component like a resistor. Its internal structure consists of:
* **Microstrip/Stripline Circuitry:** High-precision copper traces on a specialized substrate (like Rogers or Teflon) that create the inductive and capacitive effects required for filtering.
* **Surface Mount Passives:** High-Q ceramic capacitors and precision inductors arranged in a multi-pole configuration (e.g., Chebyshev or Butterworth response).
* **Shielding:** A metal housing or specialized coating to prevent Electromagnetic Interference (EMI) and crosstalk.
---
### 3. Suffix Breakdown (R/Q)
The suffix provides specific manufacturing and packaging details:
* **-R:** Generally indicates **RoHS Compliance** (Lead-free) or **Reel** packaging for automated pick-and-place assembly.
* **-Q:** Often denotes **Automotive-grade** qualification (AEC-Q100/200) or a specific **Quality** screening level for high-reliability environments.
---
### 4. Typical Applications
This component is used in RF front-ends to clean up signals before amplification or transmission:
1. **Harmonic Suppression:** Removing unwanted multiples of the carrier frequency generated by power amplifiers.
2. **Noise Reduction:** Blocking high-frequency thermal noise from entering sensitive receiver stages.
3. **Signal Conditioning:** Ensuring compliance with spectral mask requirements in wireless transmission.
---
- ⤷What is the exact cutoff frequency for the LPF-13P series?
- ⤷ Does this component require a specific PCB substrate for mounting?
- ⤷ What are the thermal operating limits for the 'Q' grade version?