Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LPD-11M1-R

  • AI
    The **LPD-11M1-R** is a specific electronic component primarily identified as a **Power Inductor** (specifically a Low Profile Drum core inductor). These parts are commonly used in power management circuits to manage current flow and store energy in a magnetic field. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of surface-mount (SMD) power inductors: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 11 µH (Nominal) | | **Tolerance** | ±20% | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite | | **Shielding** | Non-Shielded / Semi-Shielded | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Role in Electronics The LPD-11M1-R performs several critical functions within a circuit: * **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy during the "on" cycle and releases it during the "off" cycle. * **Filtering:** It acts as a low-pass filter to smooth out ripples in output voltage, ensuring a stable power supply to sensitive components like microprocessors. * **Impedance Matching:** Used to manage signal integrity in specific high-frequency applications. --- ### 3. Physical Construction The "LPD" designation usually refers to **Low Profile Drum** core construction. 1. **Wire-Winding:** Copper wire is wound around a ferrite drum core. 2. **Termination:** The ends of the wire are soldered to metallic pads on the bottom for PCB mounting. 3. **Encapsulation:** Often coated with an epoxy resin or left open-frame to minimize height (Low Profile). --- ### 4. Common Applications * **Mobile Devices:** Smartphones and tablets where vertical space is limited. * **Power Supplies:** Small-scale AC-DC or DC-DC converters. * **LED Drivers:** Managing current for high-brightness LED arrays. * **Computer Peripherals:** Hard drives and SSDs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Saturation Current) for the LPD-11M1-R?
    • ⤷ Can this inductor be used in high-frequency automotive applications?
    • ⤷ What are the footprint dimensions for PCB layout?