Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LP2950L-50-S08-R

  • AI
    ## LP2950L-50-S08-R Overview The **LP2950L-50-S08-R** is a low-dropout (LDO) linear voltage regulator manufactured by Microchip (originally National Semiconductor/Texas Instruments family lineage for the LP2950 series). The part number breaks down as follows: | Code | Meaning | |---|---| | LP2950 | Base product family (micropower LDO regulator) | | L | Low-power / lower-quiescent variant | | 50 | Fixed output voltage of **5.0 V** | | S08 | **SOIC-8** package | | R | Tape-and-reel packaging | --- ### Key Electrical Characteristics | Parameter | Typical Value | |---|---| | Output voltage | 5.0 V (fixed) | | Output current | Up to 100 mA | | Dropout voltage | ~40 mV at light load, ~380 mV at 100 mA (typical) | | Quiescent current | ~75 µA (typical) | | Input voltage range | Up to ~30 V (absolute maximum) | | Output accuracy | ±0.5% (typical, depends on grade) | | Operating temperature | -40 °C to +125 °C | --- ### Pin Configuration (SOIC-8) | Pin | Name | Function | |---|---|---| | 1 | OUTPUT | Regulated 5 V output | | 2 | INPUT | Unregulated supply input | | 3 | GND | Ground | | 4 | FEEDBACK | Error amplifier feedback (for adjustable use) | | 5 | SHUTDOWN | Enable/disable control (active low) | | 6 | ERROR | Open-collector flag output (signals low output voltage) | | 7 | NC | No internal connection | | 8 | NC | No internal connection | *Note: Verify pin assignments against the official datasheet, as pinouts can vary by manufacturer and package revision.* --- ### Internal Functional Blocks - **Bandgap voltage reference** – provides a stable reference voltage that is largely independent of temperature and supply variations. - **Error amplifier** – compares the feedback voltage with the reference and drives the pass transistor. - **PNP/PMOS pass element** – controls the current from input to output to hold the output at the regulated level. - **Feedback divider (internal for fixed versions)** – sets the output voltage. - **Shutdown logic** – disables the regulator to reduce current consumption to near zero. - **Error flag comparator** – monitors the output and pulls the ERROR pin low if the output drops out of regulation (for example, due to overload or low input). - **Thermal and current-limit protection** – protects the device from overheating and excessive output current. --- ### Typical Application Circuit 1. Connect the unregulated input (e.g., 7–12 V) to **INPUT** with a capacitor to GND (typically 1 µF or more, low-ESR recommended). 2. Connect **OUTPUT** to the load with an output capacitor (typically 1 µF or more; check datasheet for stability requirements). 3. Tie **SHUTDOWN** high to keep the regulator on, or drive it low to disable. 4. Use a pull-up resistor on **ERROR** if you want to monitor the output status. --- ### Design Considerations - **Dropout:** Ensure input is sufficiently above 5 V plus dropout voltage at your load current. - **Power dissipation:** P = (Vin − Vout) × Iout. Watch thermal limits at high input voltage and current. - **Stability:** Use output capacitors meeting the ESR range specified in the datasheet. - **Quiescent current:** Its low standby current makes it suitable for battery-powered designs. --- ### Typical Applications - Battery-powered microcontroller systems - Automotive and industrial 5 V rails - Portable and low-power electronics - Sensor and instrumentation power supplies --- **Recommendation:** Always consult the latest official datasheet from the manufacturer for exact specifications, pin functions, and recommended layout.
    ✨ Follow-up Questions
    • ⤷What is the difference between the LP2950 and LP2950L variants?
    • ⤷ How do I calculate the power dissipation and heatsinking needs for this regulator?
    • ⤷ What output capacitor should I use to keep the LP2950L-50 stable?