Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LMSD103C

  • AI
    The **LMSD103C** is a high-performance **Schottky Barrier Diode** typically housed in a small surface-mount package (like SOD-123). It is designed for high-speed switching, low-voltage rectification, and protection circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the LMSD103C: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Forward Continuous Current** | $I_{F}$ | 350 | mA | | **Forward Voltage Drop** (at $I_F = 200mA$) | $V_F$ | 0.60 | V | | **Reverse Leakage Current** (at $V_R = 30V$) | $I_R$ | 5 | $\mu$A | | **Power Dissipation** | $P_D$ | 400 | mW | | **Reverse Recovery Time** | $t_{rr}$ | 10 | ns | --- ### 2. Major Features * **Low Forward Voltage Drop ($V_F$):** Because it is a Schottky diode, it has a significantly lower voltage drop compared to standard silicon diodes (~0.3V - 0.5V vs 0.7V). This increases efficiency in battery-powered devices. * **Fast Switching Speed:** The very low reverse recovery time ($t_{rr}$) makes it ideal for high-frequency signal processing and high-speed switching power supplies. * **Guard Ring Construction:** Most versions feature a guard ring for transient protection and to ensure long-term reliability against high-voltage spikes. * **Compact Footprint:** Usually available in the **SOD-123** or **MiniMELF** package, saving PCB real estate. --- ### 3. Common Applications The LMSD103C is versatile and found in various electronic sectors: 1. **Rectification:** Small DC-DC converters and charge pumps. 2. **Clamping & Protection:** Protecting sensitive IC inputs from overvoltage or reverse polarity. 3. **Freewheeling Diode:** Used in inductive load circuits (like small motors or relays) to suppress voltage spikes. 4. **Signal Detection:** High-frequency radio frequency (RF) detection due to its low capacitance and fast response. --- ### 4. Typical Circuit Representation In a schematic, it follows the standard Schottky diode symbol (with the "S" shaped cathode bar). ```mermaid graph LR A[Anode] --- DIODE((Schottky)) --- B[Cathode] ```
    ✨ Follow-up Questions
    • ⤷ How does the LMSD103C compare to the 1N4148 switching diode?
    • ⤷ What are the thermal considerations when using this diode in a high-current circuit?
    • ⤷ Are there specific PCB layout tips for minimizing noise with this diode?