LMS-5W5-R
AI

The **LMS-5W5-R** is a specific electronic component, typically categorized as a **Non-Isolated DC-DC Buck Converter (Step-Down) Module**. It is designed to convert a higher input voltage into a stable, lower output voltage with high efficiency.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the LMS-5W5-R:
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage Range** | 7V to 28V DC |
| **Output Voltage** | 5V DC (Fixed) |
| **Max Output Current** | 500mA (0.5A) |
| **Efficiency** | Up to 90% |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SIP (Single In-line Package) - 3 Pins |
---
### 2. Functional Description
The LMS-5W5-R serves as a modern, high-efficiency replacement for traditional linear regulators like the **LM7805**.
#### Core Components & Technology:
* **Switching Controller:** Unlike linear regulators that dissipate excess voltage as heat, this module uses high-frequency switching to transfer energy.
* **Integrated Inductor:** The module contains a small internal inductor used to store energy during the switching cycle.
* **Protective Circuitry:** Usually includes short-circuit protection and thermal shutdown to prevent damage during fault conditions.
---
### 3. Pin Configuration
The device usually follows a standard 3-pin layout, making it pin-compatible with TO-220 linear regulators:
1. **VIN (Input):** Unregulated DC input voltage.
2. **GND (Ground):** Common ground for both input and output.
3. **VOUT (Output):** Regulated 5V DC output.
---
### 4. Advantages over Linear Regulators
| Feature | LMS-5W5-R (Switching) | LM7805 (Linear) |
| :--- | :--- | :--- |
| **Heat Dissipation** | Very Low; usually requires no heatsink. | High; requires a heatsink for high current. |
| **Efficiency** | ~90% | ~40-60% (depending on input voltage). |
| **Size** | Compact, all-in-one module. | Requires external capacitors and bulky heatsinks. |
---
### 5. Common Applications
* **Battery-Powered Devices:** Extending battery life by reducing wasted energy.
* **Industrial Control:** Providing stable logic power from a 24V rail.
* **Microcontrollers:** Powering Arduino, ESP32, or sensors from automotive (12V) or industrial power sources.
- ⤷
What is the maximum ripple voltage for the LMS-5W5-R?
- ⤷ Can this module be used in parallel to increase output current?
- ⤷ How does its footprint compare to a standard TO-220 package?