Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LMC1608TP-R22G

  • AI
    The **LMC1608TP-R22G** is a surface-mount (SMD) multilayer chip inductor typically used in high-frequency applications. It belongs to the 1608 (metric) or 0603 (inch) size category. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Description | Value/Meaning | | :--- | :--- | :--- | | **LMC** | Series Code | Multilayer Ceramic High-Frequency Inductor | | **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603) | | **TP** | Packaging | Tape and Reel | | **R22** | Inductance Value | 0.22 µH (220 nH) | | **G** | Tolerance | ±2% (High Precision) | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Walsin), the standard specifications for an R22G 1608 inductor are generally: * **Inductance:** 220 nH * **Tolerance:** ±2% (G-grade is tighter than the common J-grade ±5%) * **Self-Resonant Frequency (SRF):** Typically 450 MHz – 600 MHz * **DC Resistance (DCR):** Usually in the range of 0.70 – 1.20 Ω (Max) * **Rated Current:** Approximately 150mA – 300mA * **Operating Temperature:** -55°C to +125°C --- ### 3. Key Features and Construction The LMC series utilizes **Multilayer Ceramic Technology**, which provides several advantages over wire-wound inductors: 1. **Monolithic Structure:** Provides high reliability and excellent magnetic shielding, reducing crosstalk between components. 2. **High Q-Factor:** Designed to maintain low loss at high frequencies. 3. **Miniaturization:** The 0603 footprint is ideal for high-density circuit boards in portable electronics. --- ### 4. Common Applications Due to its high-frequency performance and tight tolerance (±2%), this part is commonly found in: * **RF Matching Circuits:** Used for impedance matching in Bluetooth, Wi-Fi, and cellular modules. * **Filtering:** Low-pass or high-pass filters in communication equipment. * **Oscillators:** Stability in LC resonant circuits. * **Mobile Devices:** Power management and signal integrity in smartphones and tablets. --- ### 5. Mechanical Dimensions | Dimension | Metric (mm) | Inch (in) | | :--- | :--- | :--- | | **Length (L)** | 1.60 ± 0.15 | 0.063 ± 0.006 | | **Width (W)** | 0.80 ± 0.15 | 0.031 ± 0.006 | | **Thickness (T)**| 0.80 ± 0.15 | 0.031 ± 0.006 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between this multilayer inductor and a wire-wound inductor?
    • ⤷ How does the 'G' tolerance impact the performance of an RF matching circuit?
    • ⤷ What is the typical shelf life and storage conditions for these SMD components?