Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LLM3225-R12J

  • AI
    The **LLM3225-R12J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This specific part number follows a standard naming convention used by manufacturers like Toko (now part of Murata) or similar generic electronic component producers. --- ## 1. Part Number Breakdown The nomenclature typically reveals the physical and electrical specifications of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LLM** | Series Series Type | Multilayer or Wire-wound Inductor (usually high frequency) | | **3225** | Case Size (Metric) | 3.2mm x 2.5mm (Equivalent to **1210** Imperial) | | **R12** | Inductance Value | **0.12 µH** (R denotes the decimal point) | | **J** | Tolerance | **±5%** | --- ## 2. Technical Specifications While exact specs can vary slightly by manufacturer, the standard parameters for an R12J in a 3225 package are: * **Inductance:** 120 nH (0.12 µH). * **Tolerance:** ±5% (indicated by 'J'). * **Quality Factor (Q):** Typically high (30–50+) at specific frequencies (e.g., 25.2 MHz). * **Self-Resonant Frequency (SRF):** Usually above 400-500 MHz, making it suitable for high-frequency filtering. * **DC Resistance (DCR):** Low, typically ranging from 0.2Ω to 0.5Ω to minimize power loss. * **Rated Current:** Generally between 300mA and 600mA depending on the specific wire gauge used internally. --- ## 3. Physical Characteristics The **3225 (1210)** footprint is considered a medium-sized SMD component. * **Length:** 3.2 mm * **Width:** 2.5 mm * **Height:** Usually 1.6 mm to 2.2 mm. * **Construction:** Wire-wound on a ceramic or ferrite core. Wire-wound types offer higher Q-factors and higher current handling compared to multilayer types of the same size. --- ## 4. Common Applications Due to its high Q-factor and stable inductance at high frequencies, the LLM3225-R12J is commonly found in: 1. **RF Circuits:** Used in impedance matching and resonant circuits for wireless communication. 2. **Signal Filtering:** Low-pass or high-pass filters in telecommunications equipment. 3. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs. 4. **Mobile Electronics:** Used in smartphones and tablets for GPS and Bluetooth modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between wire-wound and multilayer inductors in this size?
    • ⤷ Can I substitute a 1210 imperial size inductor for this part?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?