LLM3225-R10H
AI

## LLM3225-R10H: Electronic Specifications and Overview
The **LLM3225-R10H** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits, power supplies, and signal processing due to its compact size and stable performance.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Details |
| :--- | :--- | :--- |
| **LLM** | Series Category | Multi-layer or Wire-wound Inductor series |
| **3225** | Case Size (Metric) | 3.2mm x 2.5mm (roughly 1210 in Imperial) |
| **R10** | Inductance Value | **0.10 µH** (R denotes the decimal point) |
| **H** | Tolerance | Typically ±3% or specific manufacturer coding |
---
### 2. Key Technical Specifications
While specific parameters can vary slightly between manufacturers (such as Taiyo Yuden or Toko/Murata), the standard profile for an R10 3225 inductor is as follows:
* **Inductance:** 0.10 µH (100 nH)
* **Operating Temperature:** -40°C to +125°C (includes self-temperature rise)
* **DC Resistance (DCR):** Low resistance, typically in the range of 0.15 to 0.45 Ohms to minimize power loss.
* **Rated Current:** Usually ranges between 400mA to 800mA (Saturation current).
* **Self-Resonant Frequency (SRF):** High SRF (typically > 400 MHz), making it ideal for high-frequency filtering.
---
### 3. Construction and Material
The "3225" series usually employs a **Wire-wound** construction on a ferrite or ceramic core.
* **Core Material:** Ferrite is common for power applications to provide high flux density.
* **Termination:** Tin-plated (Sn) over nickel (Ni) barrier for excellent solderability.
* **Encapsulation:** Often resin-coated or molded to protect the wire winding from mechanical stress and environmental factors.
---
### 4. Typical Applications
The LLM3225-R10H is frequently found in the following electronic environments:
1. **DC-DC Converters:** Used as an energy storage element in small power modules.
2. **RF Circuits:** Impedance matching and decoupling in wireless communication devices.
3. **EMI Suppression:** Filtering high-frequency noise in signal lines.
4. **Mobile Electronics:** Power management in smartphones, tablets, and wearable tech.
---
### 5. Footprint (Dimensions)
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (L)** | 3.2 ± 0.3 mm |
| **Width (W)** | 2.5 ± 0.2 mm |
| **Thickness (T)** | 1.1 - 2.5 mm (variable by model) |
- ⤷
What is the difference between a wire-wound and a multi-layer inductor for this specific value?
- ⤷ How does the 'R10' inductance value impact its performance in a high-frequency filter?
- ⤷ What are the recommended soldering profiles for a 3225 package size?