Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LK1-1-R

  • AI
    The **LK1-1-R** is a specific electronic component typically categorized as a **high-current jumper** or a **zero-ohm link**. It is manufactured by companies like **KOA Speer Electronics**. These components are used in circuit design to bridge gaps on a PCB (Printed Circuit Board) where a standard resistor is not required, but a physical connection is necessary. --- ### Technical Specifications The following table outlines the typical characteristics of the LK1-1-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Zero Ohm Link / Jumper | | **Material** | Copper or Metal Alloy | | **Current Rating** | Up to 50 Amps (Depending on footprint) | | **Resistance** | Maximum 0.5 mΩ (Milliohms) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temp** | -55°C to +155°C | | **Termination** | Sn (Tin) over Nickel | --- ### Key Features and Roles 1. **High Current Handling**: Unlike standard 0Ω chip resistors (which usually handle 1-2 Amps), the LK1-1-R is designed to handle significantly higher current loads without overheating. 2. **Circuit Configuration**: It allows engineers to use the same PCB layout for different versions of a product. By placing or removing this jumper, specific sub-circuits can be activated or bypassed. 3. **Low Impedance**: Because it is essentially a solid metal link, it introduces negligible resistance and inductance into the circuit, maintaining signal integrity. --- ### Comparison: Standard Resistor vs. LK1 Jumper | Feature | Standard 0Ω Resistor | LK1-1-R Jumper | | :--- | :--- | :--- | | **Internal Material** | Thick Film / Carbon | Solid Metal Plate | | **Current Limit** | Low (approx. 2A) | Very High (50A+) | | **Physical Profile** | Rectangular Chip | Flat Metal Strip | --- ### Typical Footprint Code If you are integrating this into a CAD software (like Altium or KiCad), the footprint usually aligns with standard SMD sizes, though the "1-1" designation specifically refers to the manufacturer's body style sizing. ```text Example Dimensions (Approximate): Length: 6.3 mm Width: 3.1 mm Height: 0.5 mm ```
    ✨ Follow-up Questions
    • ⤷ What are the primary advantages of using a metal plate jumper over a copper trace?
    • ⤷ How do I calculate the power dissipation for a 0.5 mΩ link at 30 Amps?
    • ⤷ Are there specific soldering temperature profiles recommended for the LK1 series?