Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LF2020BNP-R522

  • AI
    ## Overview of the LF2020BNP-R522 The **LF2020BNP-R522** is a specific model of a **Common Mode Choke Coil** (Line Filter) manufactured by Sumida. These components are primarily used in power supply circuits to suppress electromagnetic interference (EMI) and noise. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | AC Line Filter / Common Mode Choke | | **Inductance (Min)** | 5.2 mH | | **Rated Current** | Approximately 1.2A - 1.5A (Typical for this series) | | **DC Resistance (Max)** | ~0.25 Ω | | **Voltage Rating** | 250V AC | | **Mounting Type** | Through-Hole (THT) | | **Number of Lines** | 2 (Dual winding) | --- ### 2. Internal Structure and Operation The LF2020 series features a specific physical and electrical architecture designed for efficiency: * **Core Material:** Uses a Ferrite core with high permeability to achieve high inductance in a small footprint. * **The "BNP" Design:** This refers to the physical casing and pin configuration. The "2020" typically denotes the physical dimensions (approx. 20mm x 20mm). * **Dual Winding:** It consists of two coils wound on a single core. When current flows in the same direction (Common Mode Noise), the magnetic fields add up, creating high impedance and blocking the noise. When current flows in opposite directions (intended signal/power), the fields cancel out, allowing the current to pass with minimal resistance. --- ### 3. Applications These parts are commonly found in the input stages of electronic devices to comply with EMC (Electromagnetic Compatibility) regulations: 1. **Switching Power Supplies (SMPS):** Prevents high-frequency switching noise from leaking back into the power grid. 2. **LED Lighting:** Used in drivers to stabilize current and reduce flicker/interference. 3. **Home Appliances:** Integrated into washing machines, refrigerators, and TVs to protect sensitive electronics from line noise. 4. **Adapters:** Standard component in AC/DC wall warts. --- ### 4. Schematic Representation In a circuit diagram, the LF2020BNP-R522 is represented as two coupled inductors: ```text Line In (1) o----( L1 )----o Line Out (2) ) ( ) ( <-- Shared Core ) ( Neutral In (4) o----( L2 )----o Neutral Out (3) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and pin pitch of the LF2020BNP series?
    • ⤷ How does the R522 suffix affect the inductance value compared to other models in the series?
    • ⤷ Can this component be used for Differential Mode noise suppression as well?