LE-CW-E2A
AI

The **LE-CW-E2A** is a specialized high-power LED module typically used in industrial lighting, medical equipment, and high-intensity illumination systems. Below is a detailed breakdown of its electronic components and specifications.
---
### 1. General Overview
The LE-CW-E2A belongs to a category of **COB (Chip-on-Board)** or multi-die LED modules. It is designed for high thermal efficiency and high lumen output, often featuring a ceramic substrate to manage heat dissipation effectively.
### 2. Technical Specifications
The following table highlights the typical electrical and optical characteristics:
| Parameter | Value/Description |
| :--- | :--- |
| **Color Temperature** | Cool White (approx. 5000K - 6500K) |
| **Forward Current ($I_f$)** | Typically 350mA to 700mA (Variable by bin) |
| **Forward Voltage ($V_f$)** | 12V - 36V (Depending on series/parallel config) |
| **Power Consumption** | ~10W to 30W range |
| **Luminous Flux** | High efficiency (100+ Lm/W) |
| **Substrate Material** | Ceramic or Metal Core PCB (MCPCB) |
---
### 3. Electronic Components & Structure
#### A. LED Die Array
* **Configuration:** The "E2A" designation often refers to the internal wiring of the LED chips. It usually consists of multiple small LED dies connected in a combination of series and parallel strings to balance voltage requirements and current flow.
* **Phosphor Coating:** A uniform yellow phosphor layer covers the blue LED dies to produce the "Cool White" light output.
#### B. Thermal Interface
* **Ceramic Base:** Unlike standard plastic LEDs, this part uses a ceramic base which acts as an electrical insulator but a thermal conductor.
* **Gold Wire Bonding:** Internally, the dies are connected using high-purity gold wires to ensure long-term reliability and resistance to oxidation.
#### C. Electrical Contacts
* **Anode/Cathode Pads:** Large, solderable gold-plated or silver-plated pads are located on the periphery for easy integration into a driver circuit.
---
### 4. Implementation Requirements
To operate the LE-CW-E2A correctly, the following electronic environment is required:
1. **Constant Current Driver:** LEDs must never be connected directly to a voltage source. A constant current LED driver is mandatory to prevent thermal runaway.
2. **Heat Sinking:** Due to the high power density, an external aluminum or copper heat sink is required.
3. **Thermal Paste:** A high-quality thermal interface material (TIM) must be applied between the module and the heat sink.
---
- ⤷What is the maximum operating temperature for the LE-CW-E2A?
- ⤷ Does this module require a specific type of LED driver?
- ⤷ What are the common industrial applications for this specific LED part?