LD2985G-C6-AF5-R
AI

## LD2985G-C6-AF5-R: Part Overview
The **LD2985G-C6-AF5-R** is a specific variant of a Low Dropout (LDO) linear voltage regulator. It is designed for low-power, high-precision applications, commonly manufactured by UTC (Unisonic Technologies Co.).
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific electrical and physical characteristics of this component.
| Code Segment | Description |
| :--- | :--- |
| **LD2985** | Base Part Number (Low Dropout Linear Regulator) |
| **G** | Halogen-Free and Lead-Free (Green) |
| **C6** | Fixed Output Voltage (typically 3.6V for this specific code) |
| **AF5** | Package Type (SOT-25 / SOT-23-5) |
| **R** | Packing Style (Tape & Reel) |
---
### 2. Key Technical Specifications
Below are the typical electrical parameters for this series:
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage Range** | Up to 16V |
| **Output Voltage** | 3.6V (Fixed) |
| **Output Current** | 150mA (Continuous) |
| **Dropout Voltage** | ~160mV at 100mA load |
| **Quiescent Current** | 80µA (Typical) |
| **Shutdown Current** | < 1µA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Core Features
* **Low Noise:** High Ripple Rejection (PSRR), making it suitable for RF and sensitive analog circuits.
* **ON/OFF Control:** Includes an Enable (EN) pin to put the device into standby mode, saving battery life.
* **Internal Protection:** Features thermal shutdown protection and current limiting to prevent damage during faults.
* **Stability:** Designed to be stable even with low-ESR ceramic capacitors.
---
### 4. Typical Pin Configuration (SOT-23-5)
The **AF5** package corresponds to a 5-pin SOT-23 layout:
1. **V_IN:** Input Voltage.
2. **GND:** Ground.
3. **ON/OFF (EN):** Logic high enables the device; logic low shuts it down.
4. **BYPASS:** Connecting a small capacitor here reduces output noise.
5. **V_OUT:** Regulated Output Voltage.
---
### 5. Application Areas
* Cellular phones and wireless handsets.
* Battery-powered portable instruments.
* Laptop and palmtop computers.
* Low-voltage post-regulation for switching power supplies.
---
- ⤷
What is the maximum input voltage the LD2985 series can handle?
- ⤷ How does the 'BYPASS' pin help in reducing output noise?
- ⤷ Can this LDO be used with a 5V input to provide a 3.6V output?