Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LD20011CD

  • AI
    The **LD20011CD** is a high-performance **Step-Down (Buck) Switching Regulator Control IC**, typically designed for high-voltage DC-DC conversion applications. It is commonly found in power supply modules for telecommunications, automotive electronics, and industrial power systems. --- ## 1. Technical Specifications Overview The LD20011CD is engineered to convert a higher input voltage to a regulated lower output voltage with high efficiency. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage ($V_{IN}$)** | Wide range, typically up to 60V or 100V (depending on series) | | **Output Voltage ($V_{OUT}$)** | Adjustable (via external resistor divider) | | **Switching Frequency** | Programmable or fixed (often 100kHz to 500kHz) | | **Package Type** | SOP-8 or DIP-8 (Lead-free/RoHS compliant) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Features ### A. Integrated Controller Unlike a simple linear regulator, the LD20011CD uses **Pulse Width Modulation (PWM)**. It controls an external or internal MOSFET to "chop" the input voltage, which is then smoothed by an inductor and capacitor. ### B. Feedback Loop & Regulation The chip includes an internal error amplifier. It compares a fraction of the output voltage (from the **FB pin**) against an internal reference voltage (usually 1.2V or 0.8V). This ensures the output remains stable even if the input voltage or load current changes. ### C. Protection Circuitry To ensure longevity and safety, the IC incorporates: * **Over-Current Protection (OCP):** Senses the current through the switch and limits it to prevent burnout. * **Thermal Shutdown:** Turns off the IC if it exceeds a specific temperature threshold. * **Under-Voltage Lockout (UVLO):** Prevents the chip from starting if the input voltage is too low to operate reliably. --- ## 3. Typical Pin Configuration (8-Pin SOP/DIP) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Main input power supply. | | 2 | **SW** | Switch node; connects to the inductor and catch diode. | | 3 | **GND** | Ground reference. | | 4 | **FB** | Feedback input to set the output voltage. | | 5 | **EN** | Enable pin; pulls high to start the IC, low to shut down. | | 6 | **COMP** | Compensation pin for stabilizing the regulation loop. | | 7 | **BST** | Bootstrap pin to provide gate drive for the high-side MOSFET. | | 8 | **SS** | Soft-start pin to limit inrush current during startup. | --- ## 4. Application Circuit Example (Conceptual) In a typical circuit, the LD20011CD acts as the "brain." ```markdown [Input +] ---- [LD20011CD] ---- [Inductor] ---- [Output +] | | [Feedback] <---------+ | [GND] ``` ### Required External Components: 1. **Inductor:** Stores energy during the switching cycle. 2. **Schottky Diode:** Provides a path for current when the internal switch is off. 3. **Input/Output Capacitors:** Filter electrical noise and stabilize voltage. 4. **Resistor Divider:** Connected to the FB pin to define the specific output voltage (e.g., 5V or 12V). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current supported by the LD20011CD?
    • ⤷ How do I calculate the resistor values for a specific output voltage on this IC?
    • ⤷ Are there specific PCB layout recommendations to reduce EMI for this regulator?