LD1085D2T33-R
AI

## Overview of LD1085D2T33-R
The **LD1085D2T33-R** is a low-drop positive voltage regulator capable of providing up to 3A of output current. It is part of the LD1085 series and is specifically designed to provide a fixed 3.3V output. It is widely used in applications requiring high efficiency and stable voltage regulation.
---
### Technical Specifications
The following table outlines the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 3.3 V |
| **Max Output Current** | 3.0 A |
| **Dropout Voltage (Typical)** | 1.3 V @ 3A |
| **Input Voltage (Max)** | 30 V |
| **Package Type** | D2PAK (TO-263) |
| **Operating Temperature** | -40°C to 125°C |
| **Output Tolerance** | ±1% at 25°C |
---
### Internal Electronic Protection Features
The LD1085D2T33-R includes several internal circuits to ensure the safety of both the regulator and the connected load:
1. **Internal Current Limiting:** Limits the output current to a safe level in the event of an overload or short circuit.
2. **Thermal Shutdown:** If the junction temperature exceeds safe limits (typically around 150°C), the device shuts down to prevent permanent damage.
3. **Safe Area Protection:** Monitors the output transistor to ensure it operates within safe power dissipation limits.
---
### Pin Configuration
The device is housed in a **D2PAK** (Surface Mount) package with the following pinout:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **GND** | Ground connection. |
| 2 (Tab) | **Vout** | Regulated 3.3V output (connected to the thermal tab). |
| 3 | **Vin** | Unregulated input voltage. |
---
### Application Considerations
* **Capacitor Selection:** To ensure stability, the LD1085 requires an output capacitor. A **10µF tantalum capacitor** (or a low-ESR electrolytic) is typically recommended.
* **Heat Dissipation:** Since this is a linear regulator, the power dissipated is calculated as $P = (V_{in} - V_{out}) \times I_{out}$. Because it supports up to 3A, proper PCB copper pouring or an external heatsink is essential to manage heat.
* **Dropout Voltage:** Ensure that the input voltage is at least 1.5V higher than the output (i.e., $V_{in} \ge 4.8V$) to maintain regulation under full load.
---
- ⤷
What is the maximum power dissipation for the D2PAK version of this regulator?
- ⤷ Can I use ceramic capacitors instead of tantalum for the output stage?
- ⤷ How does this regulator compare to the standard LM1117-3.3 in terms of current capacity?