Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • LCANMOB1004-RTP

  • AI
    The **LCANMOB1004-RTP** is a specialized resistive touch panel (RTP) designed primarily for integration with industrial displays and HMI (Human Machine Interface) applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The electronic behavior of this part is defined by its resistive overlay structure, typically utilizing a 4-wire or 5-wire configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | 4-Wire Resistive Touch | | **Input Method** | Finger, Gloved Hand, or Stylus | | **Interface** | FPC (Flexible Printed Circuit) | | **Controller Type** | External USB or RS232 (requires external IC) | | **Surface Hardness** | ≥ 3H | | **Transparency** | ≥ 78% | | **Operating Voltage** | 3.3V to 5V DC | --- ### 2. Electronic Components & Structure The device is composed of several critical layers that work together to register a touch event: 1. **Top Layer (Polyester Film):** A flexible layer coated with a transparent conductive material (ITO - Indium Tin Oxide) on the underside. 2. **Bottom Layer (Glass):** A rigid substrate also coated with a layer of ITO. 3. **Spacer Dots:** Microscopic insulating dots that prevent the two ITO layers from touching when the screen is not pressed. 4. **Tail (FPC):** A flat ribbon cable that transmits the X and Y coordinates to the touch controller. --- ### 3. Operating Principle The LCANMOB1004-RTP functions as a **voltage divider**: * When a user presses the top film, it makes physical contact with the glass layer. * The controller applies a voltage gradient across one layer (e.g., X-axis). * The other layer acts as a probe to measure the voltage at the point of contact. * The controller then switches the gradient to the Y-axis to determine the second coordinate. --- ### 4. Integration Requirements To make this part functional within an electronic system, you generally need: * **Touch Controller IC:** (e.g., AR1100 or similar) to convert the analog resistance changes into digital USB or I2C data. * **ZIF Connector:** A Zero Insertion Force connector on the main PCB to secure the FPC tail. * **Calibration Software:** Resistive panels require a 4-point or 9-point calibration to align the touch coordinates with the visual pixels of the LCD. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and active area of the LCANMOB1004-RTP?
    • ⤷ Does this model support multi-touch gestures like pinch-to-zoom?
    • ⤷ Which touch controller ICs are most compatible with this specific resistive panel?