AI

The **LC2-151-R** and **LC2-151-Q** are high-power, surface-mount (SMD) power inductors manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. These components are part of the **LC2 series**, specifically designed for high-current applications.
---
### 1. Technical Specifications
Below are the typical electrical characteristics for the 151 (150µH) variant:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 150 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.190 - 0.220 Ω (Max) |
| **Rated Current (Irms)** | ~2.0 - 2.5 Amps |
| **Saturation Current (Isat)** | ~1.8 - 2.2 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Core Material** | Powdered Iron / Ferrite Hybrid |
---
### 2. Suffix Definitions (R vs. Q)
The letters at the end of the part number signify specific manufacturing or compliance standards:
* **-R**: Indicates **RoHS Compliance**. This is the standard lead-free version of the component.
* **-Q**: Indicates **Automotive Grade**. This usually means the part is **AEC-Q200 qualified**, signifying it has undergone more rigorous stress testing for vibration, thermal shock, and reliability in automotive environments.
---
### 3. Key Electronic Features
* **High Power Density:** Designed to handle significant current in a relatively small footprint.
* **Magnetically Shielded:** The construction minimizes Electromagnetic Interference (EMI), which is critical for sensitive surrounding circuits.
* **Low Core Loss:** Optimized for high-frequency switching, reducing energy wasted as heat.
* **High Temperature Stability:** Maintains stable inductance values even under high thermal loads.
---
### 4. Common Applications
These inductors are primarily used for energy storage and filtering in the following circuits:
1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
2. **Power Supplies:** Used in distributed power systems and VRM (Voltage Regulator Modules).
3. **Automotive Systems:** (Specifically for the -Q version) Infotainment, LED lighting, and engine control units.
4. **Industrial Electronics:** Motor drives and battery chargers.
---
### 5. Footprint (Mechanical Data)
The LC2 series usually follows a standard high-profile SMD footprint. You must ensure the PCB pad layout accounts for the heavy-gauge wire leads typically found on these high-current parts to ensure mechanical stability.
- ⤷
What is the exact physical dimension (LxWxH) of the LC2-151 series?
- ⤷ How does the saturation current (Isat) of the 150µH model compare to lower inductance values in the same series?
- ⤷ Can the -Q version be used in non-automotive applications?