L4AS-1A2-R
AI

The **L4AS-1A2-R** is a specific electronic component within the category of high-performance coaxial connectors, manufactured by **CommScope** (Andrew Wireless Systems). It belongs to the **4.3-10 connector** family, which was designed to replace the larger 7/16 DIN connectors in modern wireless infrastructure.
---
### ## Technical Specifications
Below is a breakdown of the electronic and mechanical characteristics of the L4AS-1A2-R:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | 4.3-10 Male |
| **Body Style** | Straight |
| **Cable Compatibility** | AL4RPV-50, LDF4-50A (1/2 in Coaxial Cable) |
| **Impedance** | 50 Ohm |
| **Operating Frequency** | 0 – 6000 MHz (6 GHz) |
| **Passive Intermodulation (PIM)** | -161 dBc @ 700 MHz |
| **Dielectric Withstand Voltage** | 2500 V |
| **Interface Durability** | 100 cycles |
---
### ## Key Electronic Components & Materials
The performance of the L4AS-1A2-R is determined by the materials used in its construction, which minimize signal loss and interference.
* **Inner Contact:** Usually made of **Silver-plated Brass or Beryllium Copper**. Silver provides the highest electrical conductivity and minimizes skin-effect losses at high frequencies.
* **Outer Contact:** **Trimetal plated Brass**. The "Trimetal" (usually an alloy of copper, tin, and zinc) provides excellent corrosion resistance and electrical shielding.
* **Dielectric (Insulator):** Made of **PTFE (Polytetrafluoroethylene)**. This material has a low dielectric constant, ensuring minimal energy absorption and maintaining consistent 50-ohm impedance throughout the connector.
* **Gasket/Seal:** Silicone rubber, providing an **IP68 rating** to prevent moisture ingress which could cause impedance mismatches or corrosion.
---
### ## Applications and Advantages
The L4AS-1A2-R is primarily used in telecommunications, specifically for:
1. **Macro Cells & Small Cells:** Connecting remote radio heads (RRH) to antennas.
2. **Distributed Antenna Systems (DAS):** Providing high-quality signals in indoor environments.
3. **Low PIM Requirements:** The 4.3-10 interface is specifically designed to minimize Passive Intermodulation, which is critical for 4G LTE and 5G NR networks to prevent self-interference.
---
- ⤷
What is the difference between a 4.3-10 connector and a 7/16 DIN connector?
- ⤷ How does silver plating improve the PIM rating of this connector?
- ⤷ Which specific coaxial cable tools are required for installing the L4AS-1A2-R?