Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • KWTS-33B-R

  • AI
    The **KWTS-33B-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces to provide a physical input mechanism. --- ### 1. Key Technical Specifications Below are the typical electrical and physical parameters for a switch in this series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Contact Rating** | 50mA @ 12V DC | | **Operating Force** | 160gf to 250gf (Standard) | | **Contact Resistance** | < 100mΩ | | **Insulation Resistance** | > 100MΩ @ 100V DC | | **Lifecycle** | 100,000 to 500,000 Cycles | --- ### 2. Functional Components The KWTS-33B-R consists of several internal parts that allow it to function as a human-machine interface: 1. **Actuator (Stem):** The physical button that the user presses. It is often made of heat-resistant plastic (LCP or Nylon). 2. **Contact Dome:** A metallic "snap" disc. When pressed, it buckles to provide tactile feedback and completes the electrical circuit. 3. **Base:** The housing that holds the internal components, usually made of high-temperature thermoplastic to survive soldering. 4. **Terminals:** Metal leads (usually silver or gold plated) that connect the switch to the Printed Circuit Board (PCB). 5. **Cover/Frame:** A metal or plastic plate that secures the assembly together. --- ### 3. Application Use Cases This specific form factor is common in devices where space is limited but user feedback is necessary: * **Consumer Electronics:** Power buttons on cameras, volume keys on portable players. * **Peripherals:** Reset buttons on routers or modems. * **Automotive:** Interior lighting controls or dashboard menu navigation. * **Medical:** Interface buttons on handheld diagnostic tools. --- ### 4. PCB Footprint Example When designing a PCB for this part, the landing pattern usually looks like this in code/netlist representation: ```c // Example Pad Configuration (Generic SMD Tact Switch) Pad1: [X: -2.25, Y: 0.00] // Left Terminal Pad2: [X: +2.25, Y: 0.00] // Right Terminal Mechanical_Holes: None Solder_Mask_Expansion: 0.05mm ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (length x width) of the KWTS-33B-R?
    • ⤷ Is the KWTS-33B-R available in different operating forces (grams)?
    • ⤷ What is the recommended soldering temperature profile for this SMD part?