Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • KWSBS-16AC-R

  • AI
    The **KWSBS-16AC-R** is an electronic component primarily classified as a **Rockered Base Standard Power Switch**. It is widely used in power distribution units (PDUs), industrial appliances, and consumer electronics to control the flow of AC power. Below is a detailed breakdown of its technical specifications and electronic properties. --- ### 1. Technical Specifications The electrical rating is the most critical aspect of this part, determining the load it can safely handle. | Feature | Specification | | :--- | :--- | | **Model Number** | KWSBS-16AC-R | | **Current Rating** | 16A (Amperes) | | **Voltage Rating** | 125V / 250V AC | | **Switch Type** | Rocker Switch (SPST or DPST depending on sub-variant) | | **Actuator Color** | Red (indicated by the "-R" suffix) | | **Illumination** | Typically Neon or LED (Lighted when ON) | | **Terminals** | Quick Connect / Solder Terminals (4.8mm or 6.3mm) | --- ### 2. Internal Electronic Components The "R" in the part number often signifies a **Red Illuminated** actuator. Internally, the electronic structure consists of: * **Contact Mechanism:** Silver-plated alloy contacts to prevent oxidation and handle high-inrush currents without welding. * **Resistor:** A built-in limiting resistor is wired in series with the lamp to allow it to operate at 110V/220V AC without burning out. * **Indicator Lamp:** A small Neon bulb (common for AC) or an LED that triggers when the circuit is closed. * **Spring-Loaded Pivot:** A mechanical rocker assembly that ensures a "snap-action" to minimize electrical arcing. --- ### 3. Pin Configuration For the illuminated 4-pin version of this switch, the internal wiring usually follows this logic: ```text Pin 1 & 2: Main Power Input (Line/Neutral) Pin 3 & 4: Output to Load (Device) ``` *When the switch is toggled to the "ON" position, it bridges the gap between the input and output pins, simultaneously completing the internal circuit for the red indicator light.* --- ### 4. Safety and Environmental Standards To ensure reliability in industrial environments, the KWSBS-16AC-R usually adheres to the following: * **UL/cUL Listed:** Certified for safety standards in North America. * **RoHS Compliant:** Free from hazardous substances like lead and mercury. * **High Dielectric Strength:** Capable of withstanding voltage spikes without breakdown between the contacts and the casing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 3-pin and 4-pin versions of this switch?
    • ⤷ Can this switch be used for DC applications instead of AC?
    • ⤷ What is the recommended cutout size for mounting this switch in a panel?