KTN-R-35
AI

## Understanding the KTN-R-35 Electronic Part
The **KTN-R-35** is a high-performance industrial fuse belonging to the **Limitron™** series, manufactured primarily by **Eaton Bussmann**. It is designed for fast-acting protection in electrical circuits.
---
### 1. Technical Specifications
The table below outlines the core electronic and physical characteristics of the KTN-R-35:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | KTN-R-35 |
| **Amperage Rating** | 35 Amps |
| **Voltage Rating (AC)** | 250 VAC |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical |
| **Fuse Class** | Class RK1 |
| **Response Speed** | Fast-Acting |
| **Physical Size** | 0.81" x 3.0" (Standard Class R dimensions) |
| **Termination Style** | Cartridge (Ferrule) |
---
### 2. Key Features and Components
The KTN-R-35 is not a simple wire; it is an engineered protective component consisting of several parts:
* **Melting Element:** A high-grade silver or copper link designed to melt instantly when current exceeds 35A beyond the specified curve.
* **Arc-Quenching Material:** Usually a high-purity silica sand that surrounds the element to absorb heat and extinguish the arc formed during a fault.
* **Rejection Feature:** As a **Class RK1** fuse, it features a physical notch in the end cap. This prevents someone from accidentally replacing it with a lower-rated Class H or K fuse, ensuring the high interrupting capacity of the circuit is maintained.
* **Housing:** A heavy-duty melamine or fiberglass tube that provides high insulation and structural integrity during high-energy faults.
---
### 3. Primary Applications
Because the KTN-R-35 is **Fast-Acting**, it is used in environments where equipment is sensitive to overcurrent and does not have high "inrush" currents (like large motors).
1. **Branch Circuit Protection:** Used in electrical panels to protect specific zones of a building.
2. **Resistive Loads:** Ideal for electric heating elements and lighting circuits.
3. **Semiconductor Protection:** Often used as a primary defense for power electronics and rectifiers.
4. **Control Transformers:** Protecting the secondary side of industrial control transformers.
---
### 4. Comparison: RK1 vs. RK5
It is important to note why the KTN-R (RK1) is chosen over the more common FRN-R (RK5) fuses:
* **Current Limitation:** The KTN-R-35 (RK1) is significantly more "current-limiting," meaning it stops a short circuit faster and allows less let-through energy to reach downstream components.
* **Safety:** It provides superior protection for circuit breakers and other components that might have lower short-circuit withstand ratings.
- ⤷
What is the difference between the KTN-R and the KTS-R series?
- ⤷ Can a KTN-R-35 be used in a motor starter circuit?
- ⤷ How do I identify if a KTN-R-35 fuse has blown?