Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • KSC2383L-R

  • AI
    ## Detailed Technical Overview: KSC2383L-R Transistor The **KSC2383L-R** is a specific NPN epitaxial silicon transistor designed primarily for high-voltage applications, such as color TV vertical deflection outputs and high-speed switching circuits. --- ### 1. General Specifications The KSC2383 belongs to a family of transistors known for high breakdown voltage and high reliability. | Parameter | Specification | | :--- | :--- | | **Transistor Polarity** | NPN | | **Material** | Silicon (Si) | | **Package Type** | TO-92L (Long Lead) | | **Collector-Emitter Voltage ($V_{CEO}$)** | 160 V | | **Collector-Base Voltage ($V_{CBO}$)** | 160 V | | **Emitter-Base Voltage ($V_{EBO}$)** | 6 V | | **Collector Current ($I_C$)** | 1 A | | **Power Dissipation ($P_C$)** | 900 mW | | **Transition Frequency ($f_T$)** | 100 MHz (Typ) | --- ### 2. The "L-R" Suffix Meaning In semiconductor naming conventions, the suffixes provide critical information regarding physical packaging and performance binning: * **L (Package Style):** Refers to the **TO-92L** package. This is a larger version of the standard TO-92, allowing for better heat dissipation (900mW vs 625mW). * **R (hFE Grade):** This identifies the **DC Current Gain ($h_{FE}$)** range. * **O:** 60 ~ 120 * **Y:** 100 ~ 200 * **G:** 160 ~ 320 * **R:** This is a specific gain classification (often synonymous with the 'O' or 'Y' range depending on the specific manufacturer's datasheet revisions, typically **60 to 120**). --- ### 3. Key Applications Because of its high voltage handling and 1A current capacity, it is used in: 1. **TV/Monitor Circuits:** Specifically in the vertical output stage and video output amplifiers. 2. **Audio Amplifiers:** Used in driver stages where high voltage swings are required. 3. **Switching Regulators:** Suitable for low-power high-voltage DC-DC conversion. --- ### 4. Pin Configuration (TO-92L) When looking at the flat side of the transistor with the leads pointing down: ```text _______ / \ | KSC | | 2383 | | L-R | ----------- | | | 1 2 3 ``` | Pin Number | Assignment | | :--- | :--- | | **1** | Emitter (E) | | **2** | Collector (C) | | **3** | Base (B) | --- ### 5. Equivalent/Substitute Parts If the KSC2383L-R is unavailable, the following parts are common substitutes (ensure you check pinouts as they may differ): * **2SC2383:** The original Toshiba part number. * **KSC2690:** A similar NPN transistor in a TO-126 package (better cooling). * **MJE340:** For higher power requirements (TO-126 package).
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the TO-92L package at maximum power dissipation?
    • ⤷ How does the hFE 'R' grade affect the biasing of a common-emitter circuit?
    • ⤷ Can this transistor be used in a complementary pair with a PNP equivalent?