AI

The **KGS4D-R/Q** refers to a specific series of **Phototransistor Output Optocouplers** (also known as Optoisolators) typically used in industrial automation, switching power supplies, and signal isolation.
Below is a breakdown of its electronic components, specifications, and functions.
---
## 1. Internal Architecture
An optocoupler like the KGS4D-R/Q consists of two main internal parts housed in a single package, linked only by light.
| Component | Description |
| :--- | :--- |
| **Input Side (Emitter)** | An Infrared Light Emitting Diode (IR LED). |
| **Output Side (Detector)** | A Silicon NPN Phototransistor. |
| **Isolation Medium** | A transparent dielectric (usually silicone or resin) that blocks electricity but allows light to pass. |
---
## 2. Technical Specifications
The "R/Q" suffix usually denotes the **Current Transfer Ratio (CTR)** rank or specific packaging variations.
### Key Electrical Parameters
* **Isolation Voltage ($V_{iso}$):** Typically rated for **3,750V to 5,000Vrms**, protecting low-voltage circuits from high-voltage spikes.
* **Forward Current ($I_f$):** Usually 5mA to 20mA to drive the internal LED.
* **Collector-Emitter Voltage ($V_{ceo}$):** Often rated up to 80V.
* **CTR (Current Transfer Ratio):** The ratio of output current to input current, usually ranging from 50% to 600% depending on the specific bin (R or Q).
---
## 3. Working Principle
1. **Input:** A current is applied to the input pins, lighting up the internal IR LED.
2. **Transmission:** The infrared light travels across the isolation gap.
3. **Reception:** The light hits the base of the phototransistor, causing it to become conductive.
4. **Output:** Electricity flows through the collector and emitter, completing the secondary circuit without any physical wire connection to the input.
---
## 4. Common Applications
Due to its 4-pin design and reliable isolation, it is used in:
* **Feedback Loops:** In Switch Mode Power Supplies (SMPS) to regulate voltage.
* **PLC Interfaces:** Isolating programmable logic controllers from field sensors.
* **Noise Suppression:** Preventing ground loops and electromagnetic interference (EMI) from damaging sensitive microcontrollers.
---
## 5. Equivalent/Alternative Parts
If you are looking for replacements, the following parts often share similar footprints and characteristics:
* **PC817 Series** (Sharp)
* **EL817 Series** (Everlight)
* **LTV-817** (Lite-On)
- ⤷
What is the exact Current Transfer Ratio (CTR) for the 'R' vs 'Q' versions?
- ⤷ How do I test if a KGS4D-R/Q is functioning correctly using a multimeter?
- ⤷ What are the pinout configurations for this 4-pin optocoupler?