KFS-1D-R
AI

## Analysis of the KFS-1D-R Electronic Component
The **KFS-1D-R** is a specific model of a **Miniature Foot Switch** (or foot-operated pedal) commonly manufactured by companies like **Kacon**. These are primarily used as industrial control switches for hands-free operation of machinery or electronic systems.
---
### 1. Basic Specifications
The electronic architecture of the KFS-1D-R revolves around its internal microswitch.
| Feature | Specification |
| :--- | :--- |
| **Contact Type** | 1c (SPDT - Single Pole Double Throw) |
| **Rated Voltage** | 250V AC |
| **Rated Current** | 10A (Resistive Load) |
| **Action** | Momentary (Spring Return) |
| **Body Material** | Reinforced Plastic (ABS/Polycarbonate) |
| **Color** | Red (indicated by the "-R" suffix) |
---
### 2. Internal Electronic Configuration
The device functions as a physical interface for an internal **Micro Switch**. The "1c" contact arrangement allows for two modes of operation:
* **Normally Open (NO):** The circuit is completed only when the pedal is pressed.
* **Normally Closed (NC):** The circuit is interrupted when the pedal is pressed.
* **Common (COM):** The shared terminal for the input power/signal.
### 3. Wiring Diagram (Logic)
The internal terminals are typically wired as follows:
```text
[COM]
/
/
(OFF) /---- [NC] (Normally Closed)
|
(ON) ---- [NO] (Normally Open)
```
---
### 4. Key Electronic Components
* **Micro Switch Module:** The heart of the unit, usually a high-durability snap-action switch designed for millions of mechanical cycles.
* **Built-in Cable:** Standard models usually come with a 2-meter, 3-wire cable (Black, White, Red or similar color coding for COM, NO, NC).
* **Protection Rating:** Usually rated at **IP40** (Indoor use). It does not feature heavy waterproofing, so the electronic contacts should be protected from moisture.
---
### 5. Common Applications
Due to its 10A rating, it can directly control small motors or act as a signal trigger for:
1. **Industrial Machinery:** Toggling sewing machines, cutters, or presses.
2. **Medical Equipment:** Controlling imaging or dental tools.
3. **Security Systems:** Hidden alarm triggers.
- ⤷
What is the difference between the KFS-1D-R and the KFS-1D-G model?
- ⤷ Can this switch be used to control a DC motor directly?
- ⤷ What are the specific wire color codes for the Kacon KFS series?