AI

The **KAC-ACG-R** is a specific electronic sub-assembly, typically identifying a **Keypad/Access Control Interface Module** used in security systems, fire alarm systems, or specialized industrial controls (often associated with brands like KAC Alarm Company or similar integrated systems).
Below is a breakdown of the electronic components and functional parts generally found in this type of module.
---
## 1. Functional Component Overview
The KAC-ACG-R serves as the bridge between user input (the physical interface) and the backend controller.
| Component Group | Specific Part | Function |
| :--- | :--- | :--- |
| **Microcontroller (MCU)** | Integrated Circuit (IC) | Processes input signals and manages communication protocols (RS485/Wiegand). |
| **Relay Assembly** | Electromechanical Relay | Provides dry contact outputs to trigger door strikes, bells, or strobes. |
| **Signal Indicators** | LEDs (Red/Green/Yellow) | Provides visual feedback for Power, Alarm, or Access Granted status. |
| **Termination Blocks** | Screw Terminals | Secure physical connections for power (12/24V) and data lines. |
| **Input Interface** | Tactile Switches or Capacitive Film | Detects physical presses for code entry or emergency activation. |
---
## 2. Key Electronic Features
### A. Power Regulation
The module typically operates on a low-voltage DC bus.
* **Voltage Regulators:** Converts incoming system power (e.g., 24V DC) down to 5V or 3.3V for the onboard logic circuits.
* **Protection Diodes:** Prevents damage from reverse polarity during installation.
### B. Communication Interface
The "ACG" designation often implies a gateway or controller interface:
* **Transceivers:** Often includes an RS-485 transceiver for long-distance communication with a main fire or security panel.
* **Address Switches:** Dip-switches used to set the unique ID of the module on the system bus.
### C. Output Control (The "R" Suffix)
The **"R"** in the part number usually signifies a **Relay** version.
* **Form C Relay:** Provides Common (C), Normally Open (NO), and Normally Closed (NC) contacts.
* **Contact Rating:** Usually rated for 1A to 2A at 30V DC, designed to switch auxiliary equipment rather than high-current mains power.
---
## 3. Technical Specifications (Typical)
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 10V DC to 30V DC |
| **Current Consumption** | ~20mA (Idle) / ~50mA (Active Relay) |
| **Connection Type** | 2-wire or 4-wire Bus |
| **Ingress Protection** | Often IP24 or IP67 depending on the housing |
| **Operating Temp** | -10°C to +55°C |
---
## 4. Wiring and Terminal Layout
* **V+ / V-**: Power supply input.
* **Data A / Data B**: Communication lines for the system bus.
* **COM / NO / NC**: The relay output terminals used for external device triggering.
- ⤷
What is the specific pinout configuration for the KAC-ACG-R relay terminals?
- ⤷ How do you set the dip-switch addresses for this module?
- ⤷ Can the KAC-ACG-R be used with third-party fire alarm panels?