K6F-R010
AI

The **K6F-R010** is a specific model of a **Surface Mount Device (SMD) Shunt Resistor**, primarily used for current sensing applications in power electronics. It is part of the metal foil or metal plate resistor family designed for high precision and low resistance.
---
### 1. Key Technical Specifications
The part number follows a standard nomenclature for sensing resistors. Below are the typical technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" suffix indicates 10 milliohms. |
| **Power Rating** | 1W - 2W | Typically rated for high power dissipation relative to size. |
| **Tolerance** | ±1% (F) | The "F" in the prefix usually denotes a 1% precision. |
| **Material** | Metal Plate / Alloy | Uses a specialized metal alloy for thermal stability. |
| **Package Size** | 2512 (Metric 6432) | A large SMD footprint to handle heat. |
---
### 2. Functional Components and Construction
The K6F-R010 is not a complex integrated circuit; it is a passive component built with specific architecture:
1. **Resistive Element:** A solid piece of manganese-copper or nickel-chromium alloy. Unlike standard thick-film resistors, the metal plate construction allows for high pulse current handling.
2. **Protective Coating:** An epoxy or silicone-based overcoat that protects the metal element from oxidation and moisture.
3. **Terminations:** Large tin-plated copper end-caps designed to provide a low-resistance interface with the PCB traces, minimizing "parasitic resistance."
---
### 3. Application Use Cases
This part is crucial in circuits where current needs to be measured without significantly dropping the voltage.
* **BMS (Battery Management Systems):** Monitoring the charge and discharge current of Lithium-ion battery packs.
* **Motor Control:** Providing feedback to the controller to prevent overcurrent scenarios.
* **DC-DC Converters:** Used in the feedback loop to regulate output current.
* **Power Supplies:** Serving as a safety fuse or current monitor in laptop adapters and industrial chargers.
---
### 4. Typical Connection Diagram
In an electronic circuit, the K6F-R010 is usually placed in series with the load. The voltage drop across it ($V = I \times R$) is measured by an amplifier.
```c
[ Power Source ] ----+----[ K6F-R010 ]----+---- [ Load ]
| (10 mΩ) |
| |
+--[ Sense Amp ]----+
```
---
- ⤷
What is the Temperature Coefficient (TCR) for the K6F-R010?
- ⤷ How does a 4-terminal Kelvin connection differ from this 2-terminal resistor?
- ⤷ What are the recommended soldering profiles for 2512 metal plate resistors?