K1525CD-R
AI

## Analysis of the K1525CD-R Electronic Component
The **K1525CD-R** belongs to the family of **Crystal Oscillators**, specifically a Temperature Compensated Crystal Oscillator (TCXO) or a high-stability clock source, often manufactured by companies like **Champion Technologies** (now part of large groups like Cortz or Knowles).
---
### 1. General Specifications
This part is designed for precision timing in telecommunications and data processing equipment. Below are the typical technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator |
| **Package Style** | DIP-14 (Dual In-line Package) |
| **Output Type** | CMOS / TTL |
| **Operating Voltage** | Typically 5.0V DC |
| **Frequency Range** | Usually between 1 MHz and 35 MHz (varies by sub-model) |
| **Stability** | $\pm$25ppm to $\pm$100ppm |
| **Operating Temperature** | 0°C to +70°C (Standard Commercial) |
---
### 2. Pin Configuration (DIP-14 Style)
Although it has a 14-pin footprint, usually only four pins are electrically connected to the internal circuit:
* **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable).
* **Pin 7:** Case Ground (GND).
* **Pin 8:** Output Signal (The clock frequency).
* **Pin 14:** Supply Voltage ($V_{cc}$).
---
### 3. Key Electronic Characteristics
#### A. Waveform and Logic
The "CD" in the suffix often denotes a **CMOS/TTL compatible** output. This means the part can interface directly with standard logic gates (like 74HC or 74LS series) without needing additional buffer circuitry.
#### B. The "R" Suffix
In electronic part numbering, the **-R** suffix typically indicates one of two things:
1. **RoHS Compliance:** The part is lead-free and meets environmental regulations.
2. **Tape & Reel:** The packaging method for automated assembly (though less common for DIP packages, more common for SMD equivalents like the K1525-SMD).
---
### 4. Common Applications
Due to its stable clocking capabilities, the K1525 series is found in:
* **Networking Equipment:** Routers, switches, and modems.
* **Legacy Computing:** Motherboards and industrial controllers.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
### 5. Circuit Integration Example
To use this part in a circuit, you would typically follow this basic setup:
```c
// Connection Logic:
1. Connect Pin 14 to a stable 5V DC source.
2. Place a 0.01µF to 0.1µF decoupling capacitor between Pin 14 and Pin 7.
3. Connect Pin 7 to the System Ground.
4. Connect Pin 8 directly to the "Clock In" pin of your Microcontroller or FPGA.
```
- ⤷
What are the modern surface-mount alternatives to the K1525CD-R?
- ⤷ How does temperature affect the frequency stability of this oscillator?
- ⤷ Can this component be used in a 3.3V logic system?