K1525CAM-R
AI

## Overview of the K1525CAM-R
The **K1525CAM-R** is a high-precision, high-stability **TCXO (Temperature Compensated Crystal Oscillator)** typically manufactured by CTS Corporation (formerly Champion Technologies). It is designed for applications requiring extremely stable frequency outputs in environments where temperature fluctuations would normally affect a standard crystal.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Type** | 14-pin DIP (Dual In-line Package) Compatible |
| **Output Type** | CMOS / HCMOS |
| **Standard Frequency** | Varies (Commonly used in 10MHz, 20MHz, etc.) |
| **Supply Voltage ($V_{cc}$)** | +5.0 VDC (Standard) |
| **Operating Temperature** | -30°C to +75°C (Standard Industrial) |
| **Stability vs Temperature** | ±1.0 ppm to ±2.5 ppm |
---
### Key Electronic Components & Features
The device functions as a self-contained timing system. Internally, it consists of several key stages:
1. **Quartz Crystal Resonator:** The heart of the part, providing the base frequency.
2. **Compensation Network:** A specialized circuit (often using varactor diodes and thermistors) that adjusts the capacitance of the crystal circuit based on sensed temperature to counteract frequency drift.
3. **Buffer Amplifier:** Ensures the output signal is strong enough to drive downstream digital logic (CMOS/HCMOS levels) without distorting the frequency.
4. **Voltage Regulator:** Internal regulation to minimize frequency shifts caused by variations in the input supply voltage.
---
### Pin Configuration (Typical 14-Pin DIP Layout)
Though it sits in a 14-pin footprint, only a few pins are active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | V.C. / N.C. | Voltage Control (if VCTCXO) or No Connection |
| **7** | GND | Case and Circuit Ground |
| **8** | Output | The frequency signal (CMOS/HCMOS) |
| **14** | $V_{cc}$ | +5.0V Power Supply Input |
---
### Applications
* **Telecommunications:** Base stations and wireless infrastructure.
* **Networking:** Synchronous Ethernet and SONET/SDH timing.
* **Test & Measurement:** Frequency counters and signal generators.
* **GPS/Navigation:** Stable clocking for position calculation.
---
- ⤷
What is the difference between the K1525CAM and the 'R' suffix version?
- ⤷ How does the temperature compensation mechanism work in this specific oscillator?
- ⤷ What are the typical power consumption levels for the K1525 series?