Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • JN2DS10SL2-M-R

  • AI
    ## Overview of JN2DS10SL2-M-R The **JN2DS10SL2-M-R** is a high-performance, small-scale circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the **JN2 series**, which is designed for industrial applications requiring waterproof capabilities and easy handling. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | JAE (Japan Aviation Electronics) | | **Series** | JN2 (Small Waterproof Circular) | | **Number of Contacts** | 10 Positions | | **Connector Type** | Plug (Straight) | | **Contact Gender** | Socket (Female) | | **Termination Method** | Solder | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Protection Class** | IP67 (Waterproof/Dust-tight) | | **Operating Temperature** | -20°C to +100°C | --- ### Key Component Features #### 1. Locking Mechanism The connector features a **One-touch push-twist locking mechanism**. This allows for secure mating even in tight spaces where traditional screw-type connectors are difficult to handle. It provides tactile and audible feedback when locked. #### 2. Durability and Material * **Shell Material:** Synthetic Resin (usually high-strength plastic), which provides insulation and weight reduction compared to metal alternatives. * **Insulation Resistance:** Minimum of 1,000 MΩ. * **Dielectric Withstanding Voltage:** 900 VAC (for one minute). #### 3. Environmental Protection The "R" suffix and the JN2 series designation indicate robust environmental sealing. When mated, the assembly reaches **IP67 rating**, meaning it can withstand immersion in water up to 1 meter for 30 minutes. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **JN2** | Series Name (Waterproof Circular) | | **D** | Modification code / Shell size | | **S** | Connector Style (S = Straight Plug) | | **10** | Number of Contacts (10 pins) | | **S** | Contact Type (S = Socket/Female) | | **L** | Cable Entry Style / Bushing size | | **2** | Modification/Evolution Code | | **M** | Material/Finish Code | | **R** | RoHS Compliant / Revision indicator | --- ### Typical Applications * **Industrial Automation:** Sensors and actuators in damp environments. * **Robotics:** Control lines for robotic arms. * **Medical Equipment:** Devices requiring easy-to-clean, secure connections. * **Handheld Devices:** Portable measurement instruments used outdoors.
    ✨ Follow-up Questions
    • ⤷ What are the compatible cable diameters for the JN2DS10SL2-M-R?
    • ⤷ Is there a crimp-style alternative to the solder termination version?
    • ⤷ Does JAE offer a metal-shell version for higher EMI shielding requirements?