Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • JH43540960ACNRWNTHCWC

  • AI
    Based on the part number provided (**JH43540960ACNRWNTHCWC**), this string is an extremely specific, high-level configuration code typically used by manufacturers of **Custom Capacitors** or **Industrial Power Resistors** (such as Vishay, KEMET, or specialized military/aerospace suppliers). While this exact 20-character string may be proprietary to a specific customer's build-to-print specification, it follows standard industry nomenclature patterns for high-reliability components. --- ## Component Breakdown Analysis Below is a breakdown of what the individual segments of this code generally represent in the electronics industry: | Segment | Possible Meaning | Technical Description | | :--- | :--- | :--- | | **JH** | **Series/Manufacturer** | Often denotes a specific product line (e.g., High-Voltage, High-Temperature). | | **4354** | **Case Size / Geometry** | Represents the physical dimensions (e.g., 4.3mm x 5.4mm or a specific lead spacing). | | **0960** | **Value / Rating** | Likely the Capacitance or Resistance value (e.g., 96pF or 9.6Ω) depending on the multiplier code. | | **A** | **Tolerance** | Usually denotes ±0.05% or ±1.0% depending on the component type. | | **C** | **Voltage/Dielectric** | Common code for NPO/COG dielectric or a specific DC Voltage rating (e.g., 50V). | | **NR** | **Termination** | "Non-Magnetic" or "RoHS Compliant" tin/lead finish. | | **WNTHCWC** | **Custom/Packaging** | Specific internal manufacturing codes for winding, thermal treatment, or tape-and-reel options. | --- ## Likely Component Category Given the length and complexity of the alphanumeric string, this part is most likely one of the following: 1. **Multilayer Ceramic Capacitor (MLCC):** Specifically a high-frequency or high-Q version used in RF applications. 2. **Precision Thin Film Resistor:** Used in medical or aerospace hardware where extremely tight tolerances are required. 3. **Tantalum Polymer Capacitor:** The "JH" prefix is sometimes associated with specific high-energy density series. ### Key Specifications to Verify If you are attempting to source or replace this part, you must confirm: * **Voltage Rating:** Crucial for safety; ensuring the replacement can handle the circuit's peak voltage. * **Temperature Coefficient:** Whether the part remains stable across varying heat levels (e.g., X7R vs. C0G). * **Footprint:** The physical soldering pads on the PCB must match the "4354" or similar geometry. --- ## Recommendations for Identification Since this part number appears to be a **Custom (Special) order**, standard distributors (like Mouser or Digi-Key) may not list it in their public catalog. 1. **Check the Manufacturer Logo:** Look at the physical component for a logo (e.g., a "V" for Vishay, "K" for Kemet, or "M" for Murata). 2. **Refer to the Bill of Materials (BOM):** If this is for a specific device, the BOM will list the "Customer Part Number" vs. the "Manufacturer Part Number." 3. **Contact a Field Applications Engineer (FAE):** Provide the full string to a manufacturer representative to decode the proprietary "WNTHCWC" suffix.
    ✨ Follow-up Questions
    • ⤷Can you identify the manufacturer logo on the physical part?
    • ⤷ Is this part from a specific piece of industrial or medical equipment?
    • ⤷ Do you need a list of equivalent standard parts for this specific value?