Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • JFX1-H0-R

  • AI
    The **JFX1-H0-R** is a high-performance, high-voltage film capacitor manufactured by **JST (Japan Solderless Terminals)** or associated specialty component vendors, primarily used in industrial power electronics and motor control systems. --- ### ## Technical Specifications Below are the typical electronic characteristics for the JFX series components: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Metallized Polyester/Polypropylene Film Capacitor | | **Rated Voltage** | Often rated for high AC or DC loads (Check specific datasheet for H0 variant) | | **Mounting Type** | Through-hole (Radial) | | **Termination Style** | Solderable leads (RoHS Compliant) | | **Operating Temperature** | -40°C to +85°C (Standard) | | **Tolerance** | ±5% or ±10% | --- ### ## Core Electronic Components & Materials The internal construction of the JFX1-H0-R involves several key materials that define its performance: 1. **Dielectric Material:** Uses a metallized film which provides "self-healing" properties. If a microscopic defect occurs, the metal layer vaporizes around the point of failure, preventing a short circuit. 2. **Electrodes:** Thin layers of aluminum or zinc vacuum-deposited onto the dielectric film. 3. **Encapsulation:** Housed in a flame-retardant plastic case (typically UL94V-0 compliant) and sealed with epoxy resin to protect against moisture and vibration. 4. **Lead Wires:** Tinned copper-clad steel or pure copper leads for high conductivity and ease of soldering. --- ### ## Applications The JFX1-H0-R is designed for specific roles in electronic circuits: * **Snubber Circuits:** Used to suppress voltage spikes (transients) in switching power supplies. * **Power Factor Correction (PFC):** Improves the efficiency of power distribution in industrial equipment. * **Filtering:** Acts as a high-frequency filter to remove electromagnetic interference (EMI). * **Motor Run/Start:** Providing the necessary phase shift for single-phase AC motors. --- ### ## Identification Code Breakdown While full manufacturer catalogs are required for exact decoding, the part number usually follows this logic: * **JFX:** Series designation (High-performance Film). * **1:** Size or Voltage code (Specific to JST/Vendor mapping). * **H0:** Tolerance or special dielectric characteristic code. * **R:** Indicates **RoHS compliance** (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the H0 variant?
    • ⤷ Can this capacitor be used in automotive applications?
    • ⤷ What are the dimensions and lead spacing for PCB layout?