JARP2-ZJ-R
AI

## Analysis of the JARP2-ZJ-R Electronic Component
The **JARP2-ZJ-R** typically refers to a specialized power relay or industrial control component, commonly associated with brands like **Zanty** or similar industrial relay manufacturers. It is designed for switching high-current loads in automation and power management systems.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics found in this series:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Relay / Magnetic Contactor |
| **Contact Configuration** | 2 Form A (DPST-NO) or 2 Form C (DPDT) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgNi) |
| **Rated Load (Resistive)** | 25A - 30A @ 250VAC / 28VDC |
| **Coil Voltage Options** | 12VDC, 24VDC, 110VAC, 220VAC |
| **Insulation Resistance** | 1,000 MΩ Min. (at 500VDC) |
| **Dielectric Strength** | 2,500VAC (between coil and contacts) |
---
### 2. Physical and Pin Layout
The "ZJ" and "R" suffixes often denote specific mounting styles and features:
* **Mounting:** Usually features "Flange Mount" or "Quick-Connect" terminals (6.3mm tabs) for heavy-duty wiring.
* **Protection:** The "R" suffix often indicates a **Resistor** or **Diode** integrated across the coil to suppress Voltage Spikes (back EMF), protecting the driving circuit.
* **Housing:** Enclosed in a dust-proof or flux-proof plastic casing to prevent environmental contamination.
---
### 3. Functional Components
A JARP2-ZJ-R relay consists of the following internal electronic parts:
1. **Electromagnetic Coil:** Converts electrical energy into a magnetic field to pull the armature.
2. **Armature/Spring Assembly:** The mechanical bridge that moves when the coil is energized.
3. **High-Current Contacts:** Heavy-duty silver-plated points designed to handle high inrush currents without welding.
4. **Suppression Circuit (Optional):** A built-in resistor or diode (indicated by the "R") to protect sensitive PLCs or microcontrollers from inductive kicks.
---
### 4. Common Applications
Due to its high current rating and robust design, it is used in:
* **HVAC Systems:** Controlling compressors and fan motors.
* **Industrial Automation:** Actuating heavy solenoids or heaters.
* **Power Supplies:** Serving as a main power disconnect or transfer switch.
* **Electric Vehicle Charging:** Managing high-power AC lines.
- ⤷
What is the specific coil voltage for your version of the JARP2-ZJ-R?
- ⤷ Do you need the pinout diagram for this specific relay model?
- ⤷ Are you looking for an equivalent replacement from brands like Omron or TE Connectivity?