Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • JAPD2-6J-R

  • AI
    The **JAPD2-6J-R** is a specific model of a **Jumper Plug** (often referred to as a "Shunt") manufactured by components companies like **Hirose Electric** or similar precision connector manufacturers. These parts are primarily used to create a physical bridge between two pins on a circuit board to configure hardware settings. --- ### 1. Technical Specifications Below are the typical electronic and physical specifications for this series of jumper plugs: | Feature | Specification | | :--- | :--- | | **Part Type** | Jumper / Shunt / Shorting Link | | **Pitch Spacing** | 2.54mm (0.100") | | **Circuit Configuration** | 2-Pole (Single Bridge) | | **Contact Material** | Phosphor Bronze (or Copper Alloy) | | **Plating** | Gold or Tin over Nickel | | **Current Rating** | 1A to 3A (Typical) | | **Insulation Material** | PBT (Polybutylene Terephthalate) or Nylon | | **Color** | Red (indicated by the "-R" suffix) | --- ### 2. Physical Design and Construction The JAPD2-6J-R is designed for high reliability and ease of manual manipulation. * **Closed-Top Design:** The plastic housing is usually closed at the top, making it easier to grip with fingers or tweezers. * **Color Coding:** The **"-R"** suffix stands for **Red**. Manufacturers use different colors (Black, Red, Blue) to allow technicians to identify specific jumper settings on a dense PCB at a glance. * **Dual-Beam Contact:** Internally, it features a spring-loaded contact that grips the header pins from both sides to ensure a stable electrical connection even under vibration. --- ### 3. Primary Functions In an electronic system, this part serves the following roles: 1. **Hardware Configuration:** Used to enable or disable features on a motherboard or controller (e.g., selecting between 3.3V and 5V logic). 2. **Circuit Completion:** Acts as a "hard-wired" switch to close a loop in a circuit. 3. **Bus Termination:** In communication protocols (like RS-485), jumpers are used to engage termination resistors at the end of a line. 4. **Security/Safety:** Can be used as a physical interlock; if the jumper is removed, the device will not power on or enter a specific mode. --- ### 4. Comparison with Standard Shunts | Feature | JAPD2-6J-R | Standard Generic Shunt | | :--- | :--- | :--- | | **Durability** | High (Rated for multiple cycles) | Low (Basic friction fit) | | **Visibility** | High (Vibrant Red) | Low (Usually Black) | | **Pull Strength** | Optimized for removal | Variable |
    ✨ Follow-up Questions
    • ⤷ What are the alternative color codes for this jumper series?
    • ⤷ Can this jumper be used with 2.0mm pitch headers?
    • ⤷ What is the maximum voltage rating for the JAPD2 series?