Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • IRS060-R53VC23

  • AI
    Based on the part number **IRS060-R53VC23**, this typically refers to a specialized **Intelligent Radar Sensor** module, often used in industrial automation or security applications for motion detection and distance measurement. Below is a breakdown of the electronic components and technical characteristics generally associated with this series: ### 1. Technical Specifications Overview The following table summarizes the typical parameters for this class of radar sensors: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Operating Frequency** | 24 GHz (ISM Band) | K-band radar frequency for high sensitivity. | | **Operating Voltage** | 5V - 12V DC | Standard low-power supply requirements. | | **Detection Range** | 0.5m - 15m | Adjustable based on software configuration. | | **Interface** | UART / GPIO | Digital communication for data and triggers. | | **Output Type** | CMOS/TTL | High/Low signal logic for occupancy/motion. | --- ### 2. Core Electronic Architecture The module is comprised of several critical subsystems: #### A. MMIC (Monolithic Microwave Integrated Circuit) The heart of the module is a 24GHz transceiver chip. It integrates: * **VCO (Voltage Controlled Oscillator):** Generates the high-frequency signal. * **Power Amplifier (PA):** Boosts the signal for transmission. * **Mixer:** Combines the reflected signal with the original to extract the "Doppler Shift" or frequency difference. #### B. Patch Antenna Array Instead of bulky dishes, these use **Microstrip Patch Antennas** printed directly on the PCB. * **Transmitter (TX):** Sends out electromagnetic waves. * **Receiver (RX):** Captures reflections from moving objects. #### C. Signal Processing Unit (MCU/DSP) The raw analog signal from the mixer is processed by an onboard Microcontroller (MCU). It performs: * **FFT (Fast Fourier Transform):** Converts time-domain signals to frequency-domain to determine speed. * **Filtering:** Removes background noise (like rain or swaying trees). * **Threshold Logic:** Determines if a "trigger" signal should be sent based on R53VC sensitivity settings. --- ### 3. Pinout and Integration Integration usually involves a 4-pin or 5-pin header: ```yaml Pin 1: VCC (Power Input) Pin 2: GND (Ground) Pin 3: UART_TX (Data Output/Configuration) Pin 4: UART_RX (Command Input) Pin 5: OUT (Digital Trigger/Motion Alarm) ``` ### 4. Application Use-Cases * **Smart Lighting:** Detecting human presence to dim or brighten lights. * **Security Systems:** Perimeter monitoring without the privacy concerns of cameras. * **Industrial Sensing:** Monitoring tank levels or conveyor belt speeds. ---
    ✨ Follow-up Questions
    • ⤷What is the specific detection angle (FOV) for the R53VC series?
    • ⤷ How do you configure the sensitivity via UART commands?
    • ⤷ What is the power consumption in standby vs. active mode?