IRFP9240PBF..
AI

The **IRFP9240PBF** is a high-power, P-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is widely recognized in the electronics industry for its reliability in high-voltage switching and linear applications, particularly in high-fidelity audio amplifiers.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electrical characteristics of the IRFP9240PBF:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-to-Source Voltage** | $V_{DSS}$ | -200 V |
| **Continuous Drain Current** | $I_D$ | -12 A (at 25°C) |
| **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 0.50 $\Omega$ |
| **Total Gate Charge** | $Q_g$ | 44 nC |
| **Power Dissipation** | $P_D$ | 150 W |
| **Operating Temperature** | $T_j$ | -55 to +150 °C |
| **Package Type** | TO-247AC | Through-Hole |
---
### 2. Functional Characteristics
* **P-Channel Logic:** Unlike N-channel MOSFETs, the P-channel device requires a negative gate-to-source voltage ($V_{GS}$) to turn on. This makes it ideal for "high-side" switching applications.
* **Dynamic dv/dt Rating:** It is designed to handle rapid voltage changes without failure, increasing circuit ruggedness.
* **Ease of Paralleling:** Because of its positive temperature coefficient of resistance, it can be easily connected in parallel with other MOSFETs to handle higher currents without thermal runaway.
* **Lead-Free (PbF):** The "PBF" suffix indicates that the part is lead-free and compliant with RoHS environmental standards.
---
### 3. Common Applications
The IRFP9240PBF is a versatile component found in several specific types of circuitry:
1. **Audio Power Amplifiers:** It is most famous for its use in the output stage of Class AB or Class D amplifiers, often paired with the **IRFP240** (its N-channel complementary pair).
2. **DC-to-DC Converters:** Used in switching power supplies where high voltage and medium current handling are required.
3. **Motor Control:** Utilized in H-bridge configurations to control the direction and speed of DC motors.
4. **Solenoid and Relay Drivers:** Its high voltage rating allows it to safely drive inductive loads that produce back-EMF.
---
### 4. Typical Pinout Configuration
When looking at the front (labeled side) of the **TO-247** package with leads pointing down:
* **Pin 1 (Left):** Gate (Control signal)
* **Pin 2 (Middle):** Drain (Connected to the metal tab/heatsink)
* **Pin 3 (Right):** Source (Power supply input)
---
### 5. Design Example (Basic Switch)
```cpp
// Schematic Logic for P-Channel Switching:
// 1. Source (S) connected to +Vcc (e.g., +50V)
// 2. Load connected between Drain (D) and Ground
// 3. To turn ON: Apply a voltage to the Gate (G) that is lower than Source voltage.
// 4. To turn OFF: Bring Gate (G) voltage equal to Source voltage.
```
- ⤷
What is the complementary N-channel MOSFET for the IRFP9240PBF?
- ⤷ Why is the TO-247 package preferred over TO-220 for this specific MOSFET?
- ⤷ How do you calculate the required heatsink size for a 150W power dissipation?