Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • IP113ALF-DS-R05

  • AI
    The **IP113ALF-DS-R05** is a high-performance, single-chip 10/100 Ethernet-to-Fiber media converter controller. It is commonly used in networking equipment to bridge traditional copper-based Ethernet (RJ45) with fiber optic interfaces (ST/SC/SFP). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Standard Support** | IEEE 802.3 (10Base-T), IEEE 802.3u (100Base-TX/FX) | | **Data Rate** | 10/100 Mbps Full/Half Duplex | | **Package Type** | LQFP-48 (Low-profile Quad Flat Package) | | **Fiber Interface** | Supports 100Base-FX (Single-mode or Multi-mode) | | **Copper Interface** | Integrated 10/100 PHY (TP) | | **Voltage Supply** | 3.3V I/O with built-in 1.8V regulator for core | --- ### 2. Functional Electronic Components Inside the IP113ALF chip, several sub-systems manage the conversion of electrical signals to optical data: 1. **Physical Layer (PHY) Transceiver:** * **TP Port:** Handles the Auto-Negotiation and MDI/MDIX (auto-crossover) for copper cables. * **FX Port:** Provides the interface for Fiber Optic Transceivers (PECL signal levels). 2. **Switch Engine:** * The device acts as a 2-port switch, managing the buffer memory for storing and forwarding packets between media types. 3. **LFP (Link Fault Pass-through) Logic:** * A critical feature that notifies the other end of a link failure. If the fiber link goes down, the chip can force the copper link down so the connected switch knows the path is broken. 4. **LED Driver Interface:** * Integrated pins to drive status LEDs for Power, Link/Activity, Full/Half Duplex, and 10/100 Speed. --- ### 3. Application Circuit Components When designing a PCB with the IP113ALF, the following peripheral electronic parts are required: * **Magnetics (Transformer):** Required for the RJ45 side to provide electrical isolation and noise filtering. * **Crystal Oscillator:** Usually a **25.000 MHz** crystal to provide the clock timing for the Ethernet frames. * **EEPROM (Optional):** Used if custom configurations (like specific Vendor IDs or forced modes) are required via the SMI (Serial Management Interface). * **Decoupling Capacitors:** Small capacitors (0.1µF) placed near power pins to filter high-frequency noise. --- ### 4. Part Number Breakdown (Interpretation) * **IP113A:** The core silicon series (IC Plus Corp). * **LF:** Lead-Free (RoHS compliant). * **DS:** Often refers to the specific Die/Silicon revision or specific packaging variant. * **R05:** Revision 05 or specific reel/batch packaging code.
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the IP113ALF in full operation?
    • ⤷ Does the IP113ALF support jumbo frames?
    • ⤷ How does Link Fault Pass-through (LFP) work in this specific IC?