Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • IP101ALF-DS-R10

  • AI
    ## Overview of IP101ALF-DS-R10 The **IP101ALF-DS-R10** is a single-port **Fast Ethernet Transceiver (PHY)** manufactured by IC Plus Corp. It is designed to provide physical layer functions for 10BASE-T and 100BASE-TX Ethernet protocols. It is widely used in networking equipment, industrial automation, and embedded systems due to its low power consumption and small footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Interface Type** | MII (Media Independent Interface) / RMII | | **Speed** | 10/100 Mbps (Auto-negotiation) | | **Supply Voltage** | 3.3V (with built-in 1.8V regulator) | | **Package Type** | 48-pin LQFP (Low-profile Quad Flat Pack) | | **Power Consumption** | Very Low (approx. < 250mW) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Core Functional Components The internal architecture of the IP101ALF consists of several critical electronic blocks: 1. **PCS (Physical Coding Sublayer):** Handles 4B/5B encoding and decoding, ensuring data integrity across the physical medium. 2. **PMA (Physical Medium Attachment):** Manages the serialization and de-serialization of data. 3. **Auto-Negotiation Block:** Automatically senses the speed (10 vs 100 Mbps) and duplex mode (Half vs Full) of the connected link partner. 4. **DSP (Digital Signal Processing):** Utilized for adaptive equalization and baseline wander correction to maintain signal quality over long cable distances (up to 120+ meters). 5. **Built-in Voltage Regulator:** It integrates a 3.3V to 1.8V regulator, reducing the need for external power management components. --- ### 3. Pinout and Interface Features The IP101ALF supports two primary modes of communication with a MAC (Media Access Control) layer: * **MII Interface:** Uses more pins but operates at a lower clock frequency (25MHz). * **RMII Interface:** Reduces the pin count (ideal for space-constrained designs) and operates at 50MHz. * **LED Drivers:** Features programmable pins to drive LEDs indicating Link, Activity, and Speed status. * **MDI/MDIX:** Supports Auto-MDIX, meaning it can automatically detect and correct the use of straight-through or crossover Ethernet cables. --- ### 4. Typical Application Diagram In a standard electronic circuit, the IP101ALF sits between the Microcontroller (MCU/MAC) and the RJ45 Connector. ```mermaid graph LR A[MCU / MAC] -- RMII/MII Interface --> B[IP101ALF PHY] B -- Differential Pairs --> C[Magnetic Transformer] C --> D[RJ45 Connector] ``` --- ### 5. Design Considerations * **Clocking:** Requires a 25MHz crystal or an external 50MHz oscillator (if using RMII). * **Magnetics:** Requires external Ethernet magnetics (transformers) to provide isolation and impedance matching (usually 1:1 ratio). * **Termination:** Proper 50-ohm termination resistors are required on the differential transmit and receive lines to prevent signal reflection.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the IP101ALF and the IP101GR versions?
    • ⤷ Can you provide a reference schematic for the RMII interface setup?
    • ⤷ What is the recommended magnetic module for this specific PHY?