AI

## IDT7134LA55C Overview
The **IDT7134LA55C** is a **4K × 8 (32 Kbit) high-speed CMOS Dual-Port Static RAM** made by Integrated Device Technology (IDT). It lets two independent devices, such as two processors, access the same memory array.
---
## Part Number Breakdown
| Segment | Meaning |
|---|---|
| **IDT** | Manufacturer (Integrated Device Technology) |
| **7134** | Product family: 4K × 8 Dual-Port SRAM |
| **L** | Low-power version |
| **A** | Low-power variant with lower standby current (check datasheet for exact spec) |
| **55** | Access time of 55 ns (speed grade) |
| **C** | Commercial temperature range, typically 0 °C to +70 °C |
Package type is not shown in this code, so confirm it in the datasheet.
---
## Key Specifications
| Parameter | Typical Value |
|---|---|
| Organization | 4,096 × 8 bits (4K × 8) |
| Total capacity | 32 Kbit (4 KB) |
| Access time | 55 ns |
| Supply voltage | 5 V (±10%) |
| Technology | CMOS, static (no refresh needed) |
| Ports | 2 independent ports (Left and Right) |
| Temperature (C grade) | 0 °C to +70 °C |
---
## Pin Functions
| Pin | Function |
|---|---|
| **A0–A11** | Address inputs (12 bits, addresses 4K locations) |
| **I/O0–I/O7** | Bidirectional data bus (8 bits) |
| **CE** | Chip Enable (active LOW) selects the port |
| **OE** | Output Enable (active LOW) enables read output |
| **R/W** | Read/Write control (LOW = write, HIGH = read) |
| **BUSY** | Output flag (active LOW) indicates the port is blocked because both ports are accessing the same address |
| **VCC** | +5 V power supply |
| **GND** | Ground |
---
## How It Works
1. **Dual-port access:** Each port has its own address, data, and control pins, so both ports can operate simultaneously.
2. **Contention handling:** If both ports access the same address at the same time, the **BUSY** pin signals the conflict. One port must wait until BUSY goes HIGH again.
3. **Low-power (LA) mode:** Reduces standby current, which is useful in battery-powered or power-sensitive designs.
4. **Asynchronous operation:** Reads and writes are controlled directly by CE, OE, and R/W, without a clock.
---
## Typical Applications
- Shared memory between two microprocessors or DSPs
- Communication buffers in networking and telecom equipment
- Video and graphics buffering
- Industrial control systems
- Multiprocessor systems requiring fast inter-processor data exchange
---
## Design Tips
- Use **BUSY** logic in your firmware or hardware to avoid data corruption during simultaneous access.
- Add decoupling capacitors close to VCC and GND pins to reduce noise.
- Verify the **package code** and **temperature grade** in the official IDT datasheet before ordering.
- The 55 ns speed suits many mid-speed designs, but faster grades exist if your system needs quicker access.
---
- ⤷What is the difference between IDT7134 and IDT7132 dual-port SRAMs?
- ⤷ How do I interface the IDT7134LA55C with a microcontroller?
- ⤷ What package options are available for the IDT7134LA55C?