Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • IDT7132LA55PI

  • AI
    ## Technical Overview of IDT7132LA55PI The **IDT7132LA55PI** is a high-speed **2K x 8 Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). Dual-port RAMs are specialized memory components designed to allow two independent processors or buses to access the same memory space simultaneously. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Density** | 16 Kbit (2K x 8) | | **Access Time** | 55 ns | | **Technology** | CMOS (Low Power) | | **Package Type** | PDIP-48 (Plastic Dual In-line Package) | | **Operating Voltage** | 5.0V ± 10% | | **Temperature Grade** | Industrial (-40°C to +85°C) | --- ### 2. Decoding the Part Number Understanding the nomenclature helps identify the specific variant of the chip: * **IDT7132**: Base part number for a 2K x 8 Dual-Port SRAM. * **LA**: Low Power version. * **55**: Speed grade (55 nanoseconds access time). * **P**: Package code for Plastic DIP (PDIP). * **I**: Industrial temperature range. --- ### 3. Functional Architecture The core functionality of this chip is its **Dual-Port** nature, which includes: * **Independent Control:** It features two sets of identical address, data, and control lines (Left Port and Right Port). * **Simultaneous Access:** Both ports can read from or write to any location in the memory at the same time, provided they are not writing to the same address simultaneously. * **Arbitration & Logic:** It includes internal logic to handle contention. While the 7132 is a "Master" device, it is often paired with the **IDT7142** (Slave) to expand data bus widths beyond 8 bits while maintaining proper semaphore/busy signaling. --- ### 4. Typical Applications This component is commonly found in legacy industrial systems and specific communication interfaces: 1. **Multi-Processor Systems:** Acting as a "mailbox" where two different CPUs exchange data. 2. **Digital Signal Processing (DSP):** Buffering data between a high-speed controller and a peripheral. 3. **Network Hardware:** Managing data packets between different interface layers. --- ### 5. Pin Configuration (Simplified) The 48-pin PDIP layout generally consists of: * **Address Inputs (A0-A10):** Independent for Left and Right ports. * **Data I/O (D0-D7):** Independent 8-bit bidirectional lines. * **Control Lines:** $\overline{CE}$ (Chip Enable), $\overline{OE}$ (Output Enable), and $R/\overline{W}$ (Read/Write).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Master (7132) and Slave (7142) versions of this IC?
    • ⤷ How does the 'Busy' logic prevent data corruption during simultaneous writes?
    • ⤷ Are there modern SMD pin-compatible replacements for the PDIP-48 version?