Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • HPP-32-R

  • AI
    The **HPP-32-R** is an advanced high-performance proportional pressure control valve, primarily used in industrial and mobile hydraulic systems. Below is an explanation of its electronic components, control logic, and technical specifications. --- ### 1. Core Electronic Components The "Electronic Parts" of the HPP-32-R generally refer to the integrated electronics (OBE - On-Board Electronics) or the solenoid interface required to drive the valve. | Component | Description | | :--- | :--- | | **Proportional Solenoid** | Converts electrical current into a mechanical force to move the pilot spool. | | **LVDT (Transducer)** | A Linear Variable Differential Transformer that provides feedback on the spool position for closed-loop control. | | **Integrated Amplifier** | (If OBE model) Processes the input signal (0-10V or 4-20mA) and regulates the current to the solenoid. | | **Connector Interface** | Typically a 7-pin or 12-pin Deutsch/DIN connector for power, signal, and ground. | --- ### 2. Electrical Specifications To operate the HPP-32-R effectively, the following electrical parameters are usually required: * **Supply Voltage:** 24V DC (Standard) or 12V DC. * **Command Signal:** * Voltage: 0 to +10 V * Current: 4 to 20 mA * **Maximum Current:** Generally between 1.5A and 2.5A depending on the coil impedance. * **PWM Frequency:** Usually set between **100 Hz and 200 Hz** to minimize hysteresis and "stiction" (static friction). --- ### 3. Electronic Control Logic The HPP-32-R functions via **Pulse Width Modulation (PWM)**. The electronics do not simply turn the valve "on" or "off"; they vary the width of electrical pulses to control the average current. 1. **Input Phase:** The controller receives a setpoint (e.g., 5V for 50% pressure). 2. **Comparison:** The internal electronics compare the setpoint to the actual spool position (from the LVDT). 3. **Adjustment:** The PID controller inside the valve adjusts the PWM signal to the solenoid to eliminate the error. 4. **Dither:** A small, high-frequency vibration is electronically superimposed on the signal to keep the valve internal parts moving slightly, ensuring a rapid response. --- ### 4. Diagnostic & Protection Features Modern HPP-32-R units often include built-in electronic safeguards: * **Over-Current Protection:** Shuts down the solenoid if a short circuit is detected. * **Reverse Polarity Protection:** Prevents damage if the +/- power wires are swapped. * **Status LEDs:** Many integrated versions have a small LED to indicate "Power On" (Green) or "Fault" (Red). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the HPP-32-R 7-pin connector?
    • ⤷ How do I calibrate the zero-point on the integrated amplifier?
    • ⤷ What are the common failure modes of the LVDT in proportional valves?